Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ410EP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ410EP
Description  Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ410EP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ410EP Datasheet HTML 1Page - Vishay Siliconix SQJ410EP Datasheet HTML 2Page - Vishay Siliconix SQJ410EP Datasheet HTML 3Page - Vishay Siliconix SQJ410EP Datasheet HTML 4Page - Vishay Siliconix SQJ410EP Datasheet HTML 5Page - Vishay Siliconix SQJ410EP Datasheet HTML 6Page - Vishay Siliconix SQJ410EP Datasheet HTML 7Page - Vishay Siliconix SQJ410EP Datasheet HTML 8Page - Vishay Siliconix SQJ410EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SQJ410EP
www.vishay.com
Vishay Siliconix
S12-1860-Rev. C, 13-Aug-12
1
Document Number: 67003
For technical questions, contact: automos.techsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive N-Channel 30 V (D-S) 175 °C MOSFET
FEATURES
•TrenchFET® Power MOSFET
• AEC-Q101 Qualifiedd
•100 % Rg and UIS Tested
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
 300 μs, duty cycle  2 %.
c. When mounted on 1" square PCB (FR-4 material).
d. Parametric verification ongoing.
e. See Solder Profile (www.vishay.com/doc?73257). The PowerPAK SO-8L. The end of the lead terminal is exposed copper (not plated) as a
result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to
ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
30
RDS(on) () at VGS = 10 V
0.0039
RDS(on) () at VGS = 4.5 V
0.0042
ID (A)
32
Configuration
Single
D
G
S
N-Channel MOSFET
4
6.15
mm
PowerPAK® SO-8L Single
5.13
mm
3
2
1
G
S
S
S
D
ORDERING INFORMATION
Package
PowerPAK SO-8L
Lead (Pb)-free and Halogen-free
SQJ410EP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TC = 25 °C
ID
32
A
TC = 125 °C
32
Continuous Source Current (Diode Conduction)a
IS
32
Pulsed Drain Currentb
IDM
128
Single Pulse Avalanche Current
L = 0.1 mH
IAS
58
Single Pulse Avalanche Energy
EAS
168
mJ
Maximum Power Dissipationb
TC = 25 °C
PD
83
W
TC = 125 °C
27
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mountc
RthJA
65
°C/W
Junction-to-Case (Drain)
RthJC
1.8


Similar Part No. - SQJ410EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ410EP VISHAY-SQJ410EP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ410EP-T1-GE3 VISHAY-SQJ410EP-T1-GE3 Datasheet
177Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQJ410EP VISHAY-SQJ410EP_15 Datasheet
173Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 13-Aug-12
SQJ410EP VISHAY-SQJ410EP_V01 Datasheet
177Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQJ410EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQM120N03-1M5L VISHAY-SQM120N03-1M5L Datasheet
173Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQ1470AEH VISHAY-SQ1470AEH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQJ840EP VISHAY-SQJ840EP Datasheet
152Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 28-Nov-11
SQM120N031M5L VISHAY-SQM120N031M5L_15 Datasheet
163Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 13-Jun-11
SQD100N03-3M2L VISHAY-SQD100N03-3M2L_15 Datasheet
160Kb / 10P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 04-Mar-13
SQM30010EL VISHAY-SQM30010EL_V02 Datasheet
196Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N03-3M4 VISHAY-SQD100N03-3M4_V02 Datasheet
161Kb / 9P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1470AEH VISHAY-SQ1470AEH_V02 Datasheet
280Kb / 12P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJ128ELP VISHAY-SQJ128ELP_V02 Datasheet
342Kb / 8P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3456BEV VISHAY-SQ3456BEV Datasheet
134Kb / 7P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 06-Jun-11
SQ3456EV VISHAY-SQ3456EV Datasheet
214Kb / 11P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. D, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com