Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9762601VKA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9762601VKA
Description  RAD-TOLERANT CLASS V OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9762601VKA Datasheet(HTML) 2 Page - Texas Instruments

  5962-9762601VKA Datasheet HTML 1Page - Texas Instruments 5962-9762601VKA Datasheet HTML 2Page - Texas Instruments 5962-9762601VKA Datasheet HTML 3Page - Texas Instruments 5962-9762601VKA Datasheet HTML 4Page - Texas Instruments 5962-9762601VKA Datasheet HTML 5Page - Texas Instruments 5962-9762601VKA Datasheet HTML 6Page - Texas Instruments 5962-9762601VKA Datasheet HTML 7Page - Texas Instruments 5962-9762601VKA Datasheet HTML 8Page - Texas Instruments 5962-9762601VKA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN54LVC646A-SP
SCAS865 – OCTOBER 2008 ............................................................................................................................................................................................. www.ti.com
Output-enable (OE) and direction-control (DIR) inputs control the transceiver functions. In the transceiver mode,
data present at the high-impedance port is stored in either register or in both.
The select-control (SAB and SBA) inputs can multiplex stored and real-time (transparent mode) data. DIR
determines which bus receives data when OE is low. In the isolation mode (OE high), A data is stored in one
register and B data can be stored in the other register.
When an output function is disabled, the input function still is enabled and can be used to store and transmit
data. Only one of the two buses, A or B, can be driven at a time.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
INPUTS
DATA I/O
OPERATION OR
FUNCTION
OE
DIR
CLKAB
CLKBA
SAB
SBA
A1–A8
B1–B8
X
X
X
X
X
Input
Unspecified(1)
Store A, B unspecified(1)
X
X
X
X
X
Unspecified(1)
Input
Store B, A unspecified(1)
H
X
X
X
Input
Input
Store and B data
H
X
H or L
H or L
X
X
Input disabled
Input disabled
Isolation, hold storage
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
H or L
X
H
Output
Input
Stored B data to A bus
L
H
X
X
L
X
Input
Output
Real-time A data to B bus
L
H
H or L
X
H
X
Input
Output
Stored A data to B bus
(1)
The data-output functions can be enabled or disabled by various signals at OE and DIR. Data-input functions always are enabled; i.e.,
data at the bus terminals is stored on every low-to-high transition of the clock inputs.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN54LVC646A-SP


Similar Part No. - 5962-9762601VKA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9762601QKA TI1-5962-9762601QKA Datasheet
879Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9762601VKA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com