Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LS224AFK Datasheet(PDF) 6 Page - Texas Instruments

Part # SNJ54LS224AFK
Description  16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54LS224AFK Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNJ54LS224AFK Datasheet HTML 2Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 3Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 4Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 5Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 6Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 7Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 8Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 9Page - Texas Instruments SNJ54LS224AFK Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN54LS224A, SN74LS224A
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
WITH 3-STATE OUTPUTS
SDLS023E – JANUARY 1991 – REVISED APRIL 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
SN54LS224A
SN74LS224A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High level output current
Q outputs
–1
–2.6
mA
IOH
High-level output current
IR, OR
–0.4
–0.4
mA
IOL
Low level output current
Q outputs
12
24
mA
IOL
Low-level output current
IR, OR
4
8
mA
TA
Operating free-air temperature
–55
125
0
70
°C
NOTE 4: To ensure proper operation of this high-speed FIFO device, it is necessary to provide a clean signal to the LDCK and UNCK clock inputs.
Any excessive noise or glitching on the clock inputs that violates the VIL, VIH, or minimum pulse-duration limits can cause a false clock
or improper operation of the internal read and write pointers.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS224A
SN74LS224A
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = –18 mA
–1.5
–1.5
V
Q outputs
VCC = MIN
IOH = –2.6 mA
2.4
3.4
VOH
Q outputs
VCC = MIN
IOH = –1 µA
2.4
3.3
V
IR, OR
VCC = MIN,
IOH = –0.4 mA
2.5
3.4
2.7
3.4
Q outputs
VCC = MIN
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
Q outputs
VCC = MIN
IOL = 24 mA
0.35
0.5
V
VOL
IR OR
VCC = MIN
IOL = 4 mA
0.25
0.4
0.25
0.4
V
IR, OR
VCC = MIN
IOL = 8 mA
0.35
0.5
IOZH
Q outputs
VCC = MAX,
VO = 2.7 V
20
20
µA
IOZL
Q outputs
VCC = MAX,
VO = 0.4 V
–20
–20
µA
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
VCC = MAX,
VI = 0.4 V
–0.4
–0.4
mA
I
§
Q outputs
VCC = MAX
–30
–130
–30
–130
mA
IOS§
IR, OR
VCC = MAX
–20
–100
–20
–100
mA
Outputs high
84
135
84
135
ICC
VCC = MAX
Outputs low
87
155
87
155
mA
Outputs disabled
89
155
89
155
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.


Similar Part No. - SNJ54LS224AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
SNJ54LS221FK TI1-SNJ54LS221FK Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SNJ54LS224AFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS222A TI1-SN54LS222A Datasheet
252Kb / 12P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74LS224A TI-SN74LS224A Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com