Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS224AN3 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LS224AN3
Description  16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS224AN3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS224AN3 Datasheet HTML 3Page - Texas Instruments SN74LS224AN3 Datasheet HTML 4Page - Texas Instruments SN74LS224AN3 Datasheet HTML 5Page - Texas Instruments SN74LS224AN3 Datasheet HTML 6Page - Texas Instruments SN74LS224AN3 Datasheet HTML 7Page - Texas Instruments SN74LS224AN3 Datasheet HTML 8Page - Texas Instruments SN74LS224AN3 Datasheet HTML 9Page - Texas Instruments SN74LS224AN3 Datasheet HTML 10Page - Texas Instruments SN74LS224AN3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN54LS224A, SN74LS224A
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
WITH 3-STATE OUTPUTS
SDLS023E – JANUARY 1991 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Note 4 and Figure 1)
SN54LS224A
SN74LS224A
UNIT
MIN
MAX
MIN
MAX
UNIT
LDCK high
60
60
LDCK low
15
15
tw
Pulse duration
UNCK low
30
30
ns
UNCK high
30
30
CLR low
20
20
Data to LDCK
50
50
tsu
Setup time
LDCK
↓ before UNCK↓
50
50
ns
UNCK
↑ before LDCK↑
50
50
th
Hold time
Data from LDCK
10
10
ns
NOTE 4: To ensure proper operation of this high-speed FIFO device, it is necessary to provide a clean signal to the LDCK and UNCK clock inputs.
Any excessive noise or glitching on the clock inputs that violates the VIL, VIH, or minimum pulse-duration limits can cause a false clock
or improper operation of the internal read and write pointers.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
LDCK
IR
RL =2kΩ
CL =15 pF
25
40
ns
tPHL
LDCK
IR
RL = 2 kΩ,
CL = 15 pF
36
50
ns
tPLH
LDCK
OR
RL = 2 kΩ,
CL = 15 pF
48
70
ns
tPLH
UNCK
OR
RL =2kΩ
CL =15 pF
29
45
ns
tPHL
UNCK
OR
RL = 2 kΩ,
CL = 15 pF
28
45
ns
tPLH
UNCK
IR
RL = 2 kΩ,
CL = 15 pF
49
70
ns
tPLH
CLR
IR
RL =2kΩ
CL =15 pF
36
55
ns
tPHL
CLR
OR
RL = 2 kΩ,
CL = 15 pF
25
40
ns
tPHL
LDCK
Q
RL = 667 Ω,
CL = 45 pF
34
50
ns
tPLH
UNCK
Q
RL = 667 Ω
CL =45 pF
54
80
ns
tPHL
UNCK
Q
RL = 667 Ω,
CL = 45 pF
45
70
ns
tPZL
OE
Q
RL = 667 Ω
CL =45 pF
22
35
ns
tPZH
OE
Q
RL = 667 Ω,
CL = 45 pF
21
35
ns
tPLZ
OE
Q
RL = 667 Ω
CL =5 pF
16
30
ns
tPHZ
OE
Q
RL = 667 Ω,
CL = 5 pF
18
30
ns


Similar Part No. - SN74LS224AN3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS224AN TI-SN74LS224AN Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LS224AN3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS222A TI1-SN54LS222A Datasheet
252Kb / 12P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74LS224A TI-SN74LS224A Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com