Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54LS222AJ Datasheet(PDF) 7 Page - Texas Instruments

Part # SNJ54LS222AJ
Description  16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54LS222AJ Datasheet(HTML) 7 Page - Texas Instruments

Back Button SNJ54LS222AJ Datasheet HTML 3Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 4Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 5Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 6Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 7Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 8Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 9Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 10Page - Texas Instruments SNJ54LS222AJ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN54LS222A
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
WITH 3-STATE OUTPUTS
SDLS959A – DECEMBER 2001 – REVISED APRIL 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
IRE
IR
RL =2kΩ
CL =15 pF
23
35
ns
tPHL
IRE
IR
RL = 2 kΩ,
CL = 15 pF
9
15
ns
tPLH
ORE
OR
RL =2kΩ
CL =15 pF
22
35
ns
tPHL
ORE
OR
RL = 2 kΩ,
CL = 15 pF
9
15
ns
tPLH
LDCK
IR
RL =2kΩ
CL =15 pF
25
40
ns
tPHL
LDCK
IR
RL = 2 kΩ,
CL = 15 pF
36
50
ns
tPLH
LDCK
OR
RL = 2 kΩ,
CL = 15 pF
48
70
ns
tPLH
UNCK
OR
RL =2kΩ
CL =15 pF
29
45
ns
tPHL
UNCK
OR
RL = 2 kΩ,
CL = 15 pF
28
45
ns
tPLH
UNCK
IR
RL = 2 kΩ,
CL = 15 pF
49
70
ns
tPLH
CLR
IR
RL =2kΩ
CL =15 pF
36
55
ns
tPHL
CLR
OR
RL = 2 kΩ,
CL = 15 pF
25
40
ns
tPHL
LDCK
Q
RL = 667 Ω,
CL = 45 pF
34
50
ns
tPLH
UNCK
Q
RL = 667 Ω
CL =45 pF
54
80
ns
tPHL
UNCK
Q
RL = 667 Ω,
CL = 45 pF
45
70
ns
tPZL
OE
Q
RL = 667 Ω
CL =45 pF
22
35
ns
tPZH
OE
Q
RL = 667 Ω,
CL = 45 pF
21
35
ns
tPLZ
OE
Q
RL = 667 Ω
CL =5 pF
16
30
ns
tPHZ
OE
Q
RL = 667 Ω,
CL = 5 pF
18
30
ns


Similar Part No. - SNJ54LS222AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
SNJ54LS221FK TI1-SNJ54LS221FK Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
SNJ54LS221FK TI-SNJ54LS221FK Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SNJ54LS222AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS224A TI-SN74LS224A Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74LS228 TI-SN74LS228 Datasheet
149Kb / 10P
[Old version datasheet]   16 x 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH OPEN-COLLECTOR OUTPUTS
SN74ALS236 TI-SN74ALS236 Datasheet
174Kb / 11P
[Old version datasheet]   64 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI-SN74ALS233B Datasheet
112Kb / 8P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS229B TI-SN74ALS229B Datasheet
287Kb / 12P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com