Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC195J Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC195J
Description  4-BIT PARALLEL-ACCESS SHIFT REGISTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC195J Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC195J Datasheet HTML 1Page - Texas Instruments SN54HC195J Datasheet HTML 2Page - Texas Instruments SN54HC195J Datasheet HTML 3Page - Texas Instruments SN54HC195J Datasheet HTML 4Page - Texas Instruments SN54HC195J Datasheet HTML 5Page - Texas Instruments SN54HC195J Datasheet HTML 6Page - Texas Instruments SN54HC195J Datasheet HTML 7Page - Texas Instruments SN54HC195J Datasheet HTML 8Page - Texas Instruments SN54HC195J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
SN54HC195
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SCLS124A – DECEMBER 1992 – REVISED NOVEMBER 2007
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54HC195
VCC
UNIT
MIN
MAX
MIN
MAX
2 V
0
6
0
4.2
fclock
Clock frequency
4.5 V
0
31
0
21
MHz
6 V
0
36
0
25
2 V
80
120
CLK high or low
4.5 V
16
24
6 V
14
20
tw
Pulse duration
ns
2 V
80
120
CLR low
4.5 V
16
24
6 V
14
20
2 V
100
150
Setup time,
SH/LD, or serial and parallel data, or CLR
tsu
4.5 V
20
30
ns
before CLK
inactive
6 V
17
26
2 V
0
0
Hold time,
SH/LD, or serial and parallel data, or CLR
th
4.5 V
0
0
ns
after CLK
inactive
6 V
0
0
over recommended operating free-air temperature range (unless otherwise noted), CL = 50 pF
(1)
TA = 25°C
SN54HC195
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
2 V
6
12
4.2
fmax
4.5 V
31
50
21
MHz
6 V
36
60
25
2 V
67
145
220
QA thru QD
tpd
CLK
or
4.5 V
17
29
44
ns
QD
6 V
14
25
37
2 V
67
150
225
QA thru QD
tpd
CLR
or
4.5 V
17
30
45
ns
QD
6 V
13
26
38
2 V
28
75
110
tt
Any
4.5 V
8
15
22
ns
6 V
6
13
19
Cpd
Power dissipation capacitance
No load, TA = 25°C
65 pF typ
(1)
Load circuit and voltage waveforms are shown in previous pages.
Copyright © 1992–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN54HC195


Similar Part No. - SN54HC195J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54HC191 TI1-SN54HC191 Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
[Old version datasheet]   4-Bit Synchronous Up/Down Binary Counter
SN54HC191J TI-SN54HC191J Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54HC191J TI1-SN54HC191J Datasheet
1Mb / 21P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
More results

Similar Description - SN54HC195J

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS195A HITACHI-HD74LS195A Datasheet
95Kb / 7P
   4-bit Parallel-Access Shift Registers
HD74LS95B HITACHI-HD74LS95B Datasheet
89Kb / 7P
   4-bit Parallel Access Shift Registers
logo
Texas Instruments
SN5495A TI-SN5495A Datasheet
281Kb / 8P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
National Semiconductor ...
5495A NSC-5495A Datasheet
111Kb / 6P
   4-Bit Parallel Access Shift Registers
logo
Texas Instruments
SN54195 TI-SN54195 Datasheet
429Kb / 10P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN54178 TI-SN54178 Datasheet
220Kb / 6P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74178N TI-SN74178N Datasheet
218Kb / 6P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
National Semiconductor ...
DM54L95 NSC-DM54L95 Datasheet
105Kb / 4P
   4-Bit Parallel Access Shift Registers
logo
Texas Instruments
SN5495A TI1-SN5495A_14 Datasheet
525Kb / 14P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com