Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54CDC341J Datasheet(PDF) 5 Page - Texas Instruments

Part # SNJ54CDC341J
Description  1-LINE TO 8-LINE CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54CDC341J Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54CDC341J Datasheet HTML 1Page - Texas Instruments SNJ54CDC341J Datasheet HTML 2Page - Texas Instruments SNJ54CDC341J Datasheet HTML 3Page - Texas Instruments SNJ54CDC341J Datasheet HTML 4Page - Texas Instruments SNJ54CDC341J Datasheet HTML 5Page - Texas Instruments SNJ54CDC341J Datasheet HTML 6Page - Texas Instruments SNJ54CDC341J Datasheet HTML 7Page - Texas Instruments SNJ54CDC341J Datasheet HTML 8Page - Texas Instruments SNJ54CDC341J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN54CDC341
1-LINE TO 8-LINE CLOCK DRIVER
SGAS005A – MARCH 1996 – REVISED JULY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
500
tPLH
tPHL
1.5 V
1.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
2 V
0.8 V
0.8 V
tf
tr
Input
(see Note B)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
Figure 1. Load Circuit and Voltage Waveforms
A
1G
1Yn
tPLH1
tPHL1
2Yn
tPLH2
tPHL2
2G
NOTES: A. Output skew, tsk(o), is calculated as the greater of:
– The difference between the fastest and slowest of tPLHn (n = 1, 2)
– The difference between the fastest and slowest of tPHLn (n = 1, 2)
B. Pulse skew, tsk(p), is calculated as the greater of | tPLHn – tPHLn | (n = 1, 2).
C. Process skew, tsk(pr), is calculated as the greater of:
– The difference between the fastest and slowest of tPLHn (n = 1, 2) across multiple devices under identical operating conditions
– The difference between the fastest and slowest of tPHLn (n = 1, 2) across multiple devices under identical operating conditions
Figure 2. Waveforms for Calculation of tsk(o), tsk(p), tsk(pr)


Similar Part No. - SNJ54CDC341J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54CDC586WD TI1-SNJ54CDC586WD Datasheet
152Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
More results

Similar Description - SNJ54CDC341J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC111 TI-CDC111 Datasheet
96Kb / 7P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC329A TI-CDC329A Datasheet
105Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329 TI-CDC329 Datasheet
89Kb / 6P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328A TI-CDC328A Datasheet
101Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com