Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP57236 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP57236
Description  IR Receiver Modules for Remote Control Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP57236 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP57236 Datasheet HTML 1Page - Vishay Siliconix TSOP57236 Datasheet HTML 2Page - Vishay Siliconix TSOP57236 Datasheet HTML 3Page - Vishay Siliconix TSOP57236 Datasheet HTML 4Page - Vishay Siliconix TSOP57236 Datasheet HTML 5Page - Vishay Siliconix TSOP57236 Datasheet HTML 6Page - Vishay Siliconix TSOP57236 Datasheet HTML 7Page - Vishay Siliconix TSOP57236 Datasheet HTML 8Page - Vishay Siliconix TSOP57236 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TSOP572.., TSOP574..
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 20-Jun-12
3
Document Number: 82434
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Output Function
Fig. 4 - Output Pulse Diagram
Fig. 5 - Frequency Dependance of Responsivity
Fig. 6 - Sensitivity in Bright Ambient
Fig. 7 - Sensitivity vs. Supply Voltage Disturbances
Fig. 8 - Max. Envelope Duty Cycle vs. Burst Length
E e
t
VO
VOH
VOL
t
600 µs
600 µs
t = 60 ms
t on
t off
94 8134
Optical Test Signal
Output Signal, (see fig. 4)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.1
1
10
10
2
10
3
10
4
10
5
Ee - Irradiance (mW/m
2)
λ = 950 nm,
Optical Test Signal, Fig. 3
t
off
t
on
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δ f(3 dB) = f
0/10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.1
1
10
100
Ee - Ambient DC Irradiance (W/m
2)
Correlation with Ambient Light Sources:
10 W/m
2 = 1.4 kLx (Std. illum. A, T = 2855 K)
10 W/m
2 = 8.2 kLx (Daylight, T = 5900 K)
Wavelength of Ambient
Illumination:
λ = 950 nm
4.5
5.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
1000
ΔVs
RMS
- AC Voltage on DC Supply Voltage (mV)
f = f
0
f = 20 kHz
f = 30 kHz
f = 100 Hz
f = 10 kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100
120
Burst Length (number of cycles/burst)
f = 38 kHz, E
e = 2 mW/m
2
TSOP572..
TSOP574..
21396_15


Similar Part No. - TSOP57236

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP57236 VISHAY-TSOP57236 Datasheet
259Kb / 11P
   IR Receiver Modules for Remote Control Systems
Rev. 1.9, 10-Nov-15
TSOP57236 VISHAY-TSOP57236 Datasheet
270Kb / 11P
   IR Receiver Modules for Remote Control Systems
Rev. 2.2, 13-Sep-17
TSOP57236 VISHAY-TSOP57236_17 Datasheet
270Kb / 11P
   IR Receiver Modules for Remote Control Systems
Rev. 2.2, 13-Sep-17
More results

Similar Description - TSOP57236

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com