Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1518AAB Datasheet(PDF) 7 Page - Vishay Siliconix

Part # LH1518AAB
Description  1 Form A Solid State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1518AAB Datasheet(HTML) 7 Page - Vishay Siliconix

  LH1518AAB_12 Datasheet HTML 1Page - Vishay Siliconix LH1518AAB_12 Datasheet HTML 2Page - Vishay Siliconix LH1518AAB_12 Datasheet HTML 3Page - Vishay Siliconix LH1518AAB_12 Datasheet HTML 4Page - Vishay Siliconix LH1518AAB_12 Datasheet HTML 5Page - Vishay Siliconix LH1518AAB_12 Datasheet HTML 6Page - Vishay Siliconix LH1518AAB_12 Datasheet HTML 7Page - Vishay Siliconix LH1518AAB_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 83816
For technical questions, contact: optocoupleranswers@vishay.com
www.vishay.com
Rev. 1.5, 17-Mar-11
7
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LH1518AAB, LH1518AABTR, LH1518AT
1 Form A Solid State Relay
Vishay Semiconductors
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING
Note
• Tape and reel suffix (TR) is not part of the package marking.
0.35
0.25
3.81
2.79
3.81
3.30
0.051 min.
7.62 typ.
0.9
0.8
2.54 typ.
1 min.
0.55
0.45
6.5
6.3
8.7
8.5
Pin one ID
6
5
4
1
2
3
18° typ.
8.82
7.62
4° typ.
DIP
ISO method A
i178001
8.71
8.51
6.50
6.30
Pin one ID
0.99 min.
3.81
3.30
2.54
1.33
1.22
1.016
0.508
0.25
0.10
0.31
0.20
7.62 typ.
10.03
9.63
3° to 7°
18°
8 min.
1.27 typ.
SMD
ISO method A
i178002
2.54
R 0.25
1.78
0.76
1.52
8 min.
11.05
LH1518
V YWW H 68


Similar Part No. - LH1518AAB_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1518AAB VISHAY-LH1518AAB_11 Datasheet
162Kb / 8P
   1 Form A Solid State Relay
Rev. 1.5, 17-Mar-11
More results

Similar Description - LH1518AAB_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VOR1142B6 VISHAY-VOR1142B6 Datasheet
155Kb / 9P
   1 Form A Solid-State Relay
Rev. 1.1, 17-Nov-15
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
   1 Form A Solid State Relay
Rev. 1.4, 26-Oct-04
logo
Solid State Optronic
AD8C250 SSOUSA-AD8C250 Datasheet
165Kb / 4P
   1 Form A Solid State Relay
S111 SSOUSA-S111 Datasheet
228Kb / 5P
   1 Form A Solid State Relay
SP540-X SSOUSA-SP540-X Datasheet
166Kb / 5P
   1 Form A Solid State Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB_11 Datasheet
158Kb / 8P
   1 Form A Solid-State Relay
Rev. 1.9, 25-Jul-11
VO14642AT VISHAY-VO14642AT_V02 Datasheet
185Kb / 10P
   1 Form A Solid-State Relay
01-Jan-2023
VOR1142B4 VISHAY-VOR1142B4_V01 Datasheet
120Kb / 8P
   1 Form A Solid-State Relay
01-Jan-2022
LH1500AAB VISHAY-LH1500AAB Datasheet
179Kb / 9P
   1 Form A Solid State Relay
Rev. 1.5, 26-Oct-04
logo
Solid State Optronic
S742-X SSOUSA-S742-X Datasheet
167Kb / 4P
   1 Form A Solid State Relay
AD8C111-L SSOUSA-AD8C111-L Datasheet
165Kb / 4P
   1 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com