Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54292 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54292 Datasheet HTML 6Page - Texas Instruments TPS54292 Datasheet HTML 7Page - Texas Instruments TPS54292 Datasheet HTML 8Page - Texas Instruments TPS54292 Datasheet HTML 9Page - Texas Instruments TPS54292 Datasheet HTML 10Page - Texas Instruments TPS54292 Datasheet HTML 11Page - Texas Instruments TPS54292 Datasheet HTML 12Page - Texas Instruments TPS54292 Datasheet HTML 13Page - Texas Instruments TPS54292 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
(
)
( )
TH
ENx
START
IN
ENx
V
I
R
t
R
C
ln
s
V
2
I
R
æ
ö
-
´
ç
÷
= - ´ ´
ç
÷
- ´
´
è
ø
uuuu
u
r
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
APPLICATION INFORMATION
FUNCTIONAL DESCRIPTION
The TPS54290/1/2 is a dual output fully synchronous buck converter. Each PWM channel contains an error
amplifier, current mode pulse width modulator (PWM), switching and rectifying MOSFETs, enable, and fault
protection circuitry. Common to the two channels are the internal voltage regulator, voltage reference, and clock
oscillator.
VOLTAGE REFERENCE
The band gap cell common to both outputs, trimmed to 800 mV. The reference voltage is 1% accurate in the
temperature range from 0°C to 85°C.
OSCILLATOR
The oscillator frequency is internally fixed at 2.4 MHz which is divided by 8/4/2 to generate the ramps for
TPS54290/1/2 respectively. The two outputs are internally configured to operate on alternating switch cycles (i.e.,
180° out-of-phase).
INPUT UVLO AND STARTUP
When the voltage at the PVDD2 pin is less than 4.4 V, a portion of the internal bias circuitry is operational, and
all other functions are held OFF. All of the internal MOSFETs are also held OFF. When the PVDD2 voltage rises
above the UVLO turn on threshold, the state of the enable pins determines the remainder of the internal startup
sequence. If either output is enabled (ENx pulled low), the BP regulator turns on, charging the BP capacitor with
a 20 mA current. When the BP pin is greater than 4 V, PWM is enabled and soft-start commences.
Note that the internal regulator and control circuitry are powered from PVDD2. The voltage on PVDD1 may be
higher or lower than PVDD2.
ENABLE AND TIMED TURN ON OF THE OUTPUTS
Each output has a dedicated (active low) enable pin. If left floating, an internal current source pulls the pin to
PVDD2. By grounding, or by pulling the ENx pin to below approximately 1.25 V with an external circuit, the
associated output is enabled and soft-start is initiated.
If both enable pins are left in the “high” state, the device operates in a shutdown mode, where the BP regulator is
shut down and minimal house keeping functions are active. The total standby current from both PVDD pins is
80 µA at 12 V input supply.
An R-C connect to an ENx pin may be used to delay the turn on of the associated output after power is applied
to PVDDx (see Figure 12). After power is applied to PVDD2, the voltage on the ENx pin slowly decays towards
ground. Once the voltage decays to approximately 1.25 V, then the output is enabled and the startup sequence
begins. If it is desired to enable the outputs of the device immediately upon the application of power to the
PVDD2 pin, then omit these two components and tie the ENx pin to GND directly.
If an R-C circuit is used to delay the turn on of the output, the resistor value must be an order of magnitude less
than 1.25 V/10 µA or 120 k
Ω. A suggested value is 51 kΩ. This allows the ENx voltage to decay below the 1.25
V threshold while the 10-µA bias current flows.
The time to start (after the application of PVDD2) is
(1)
where
R and C are the timing components
VTH is the 1.25 V enable threshold voltage
IEN is the 10-µA maximum enable pin biasing current
Figure 12 and Figure 13 illustrate startup delay with an R-C filter on the enable pin(s).
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com