Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54292 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54292
Description  1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54292 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS54292 Datasheet HTML 22Page - Texas Instruments TPS54292 Datasheet HTML 23Page - Texas Instruments TPS54292 Datasheet HTML 24Page - Texas Instruments TPS54292 Datasheet HTML 25Page - Texas Instruments TPS54292 Datasheet HTML 26Page - Texas Instruments TPS54292 Datasheet HTML 27Page - Texas Instruments TPS54292 Datasheet HTML 28Page - Texas Instruments TPS54292 Datasheet HTML 29Page - Texas Instruments TPS54292 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
TPS54290, TPS54291, TPS54292
SLUS973 – OCTOBER 2009
www.ti.com
Table 2. Design Example List of Materials
REFERENCE
QTY
VALUE
DESCRIPTION
SIZE
PART NUMBER
MFR
DESIGNATOR
C12
1
4.7 µF
Capacitor, Ceramic, 10 V, X5R, 20%
0805
Std
Std
C2, C14
2
22 µF
Capacitor, Ceramic, 6.3 V, X5R, 20%
1206
C3216X5R0J226M TDK
C3, C13
2
470 pF
Capacitor, Ceramic, 25 V, X7R, 20%
0603
Std
Std
C4, C11
2
0.047 µF
Capacitor, Ceramic, 25 V, X7R, 20%
0603
Std
Std
C3225X5R1E106
C5, C10
2
10 µF
Capacitor, Ceramic, 25 V, X5R, 20%
1210
TDK
M
C6
2
1.8 nF
Capacitor, Ceramic, 25 V, X7R, 20%
0603
Std
Std
C7
1
15 pF
Capacitor, Ceramic, 25 V, X7R, 20%
0603
Std
Std
C8
1
47 pF
Capacitor, Ceramic, 25 V, X7R, 20%
0603
Std
Std
C9
1
1.2 nF
Capacitor, Ceramic, 25 V, X7R, 20%
0603
Std
Std
0.402 x
L1
1
8.2 µH
Inductor, SMT, 4.38 A, 20 m
Ω
MSS1048-822L
Coilcraft
0.394 inch
0.402 x
L2
1
3.3 µH
Inductor, SMT, 5.04 A, 10 m
Ω
MSS1048-332L
Coilcraft
0.394 inch
R10
1
40.2 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
R2, R11
2
10
Ω
Resistor, Chip, 1/16W, 5%
0603
Std
Std
R3, R12
2
20.5 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
R4
1
6.49 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
R6
1
7.87 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
R7
1
4.64 k
Ω
Resistor, Chip, 1/16W, 1%
0603
Std
Std
2.5 A/1.5 A,
Dual Output Fully Synchronous Buck
U1
1
CSP
TPS54291PWP
TI
600 Hz
Converter w/Integrated FET
26
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS54290 TPS54291 TPS54292


Similar Part No. - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54292 TI-TPS54292 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292 TI-TPS54292 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWP TI-TPS54292PWP Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54292PWPR TI-TPS54292PWPR Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results

Similar Description - TPS54292

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
891Kb / 71P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
logo
ON Semiconductor
NCP3134 ONSEMI-NCP3134 Datasheet
152Kb / 13P
   4 A Integrated Synchronous Buck Converter
August, 2016 ??Rev. 1
NCP3135 ONSEMI-NCP3135 Datasheet
147Kb / 13P
   5 A Integrated Synchronous Buck Converter
July, 2015 ??Rev. 1
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
logo
Texas Instruments
TPS61088-Q1 TI1-TPS61088-Q1_18 Datasheet
1Mb / 32P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
TPS61088-Q1 TI1-TPS61088-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   10-A Fully-Integrated Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com