Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2188AIDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2188AIDR
Description  0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2188AIDR Datasheet(HTML) 3 Page - Texas Instruments

  OPA2188AIDR Datasheet HTML 1Page - Texas Instruments OPA2188AIDR Datasheet HTML 2Page - Texas Instruments OPA2188AIDR Datasheet HTML 3Page - Texas Instruments OPA2188AIDR Datasheet HTML 4Page - Texas Instruments OPA2188AIDR Datasheet HTML 5Page - Texas Instruments OPA2188AIDR Datasheet HTML 6Page - Texas Instruments OPA2188AIDR Datasheet HTML 7Page - Texas Instruments OPA2188AIDR Datasheet HTML 8Page - Texas Instruments OPA2188AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
OPA2188
www.ti.com
SBOS525B – AUGUST 2011 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS:
High-Voltage Operation, VS = ±4 V to ±18 V (VS = +8 V to +36 V)
At TA = +25°C, RL = 10 kΩ connected to VS / 2, and VCOM = VOUT = VS / 2, unless otherwise noted.
OPA2188
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
6
25
μV
VOS
Input offset voltage
TA = –40°C to +105°C
0.03
0.085
μV/°C
VS = 4 V to 36 V, VCM = VS / 2
0.075
0.3
μV/V
PSRR
Power-supply rejection ratio
VS = 4 V to 36 V, VCM = VS / 2,
0.3
μV/V
TA = –40°C to +105°C
Long-term stability
4(1)
μV
Channel separation, dc
1
μV/V
INPUT BIAS CURRENT
VCM = VS / 2
±160
±850
pA
IB
Input bias current
TA = –40°C to +105°C
±4
nA
±320
±1700
pA
IOS
Input offset current
TA = –40°C to +105°C
±2
nA
NOISE
en
Input voltage noise
f = 0.1 Hz to 10 Hz
0.25
μVPP
en
Input voltage noise density
f = 1 kHz
8.8
nV/Hz
in
Input current noise density
f = 1 kHz
7
fA/Hz
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
V–
(V+) – 1.5
V
(V–) < VCM < (V+) – 1.5 V
120
134
dB
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
130
146
dB
CMRR
Common-mode rejection ratio
VS = ±18 V
(V–) + 0.5 V < VCM < (V+) – 1.5 V,
120
126
dB
VS = ±18 V, TA = –40°C to +105°C
INPUT IMPEDANCE
Differential
100 || 6
M
Ω || pF
Common-mode
6 || 9.5
1012
Ω || pF
OPEN-LOOP GAIN
(V–) + 500 mV < VO < (V+) – 500 mV,
130
136
dB
RL = 10 kΩ
AOL
Open-loop voltage gain
(V–) + 500 mV < VO < (V+) – 500 mV,
120
126
dB
RL = 10 kΩ, TA = –40°C to +105°C
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
2
MHz
SR
Slew rate
G = +1
0.8
V/
μs
Settling time, 0.1%
VS = ±18 V, G = 1, 10-V step
20
μs
Settling time, 0.01%
VS = ±18 V, G = 1, 10-V step
27
μs
Overload recovery time
VIN × G = VS
1
μs
THD+N
Total harmonic distortion + noise
1 kHz, G = 1, VOUT = 1 VRMS
0.0001
%
(1)
1000-hour life test at +125°C demonstrated randomly distributed variation in the range of measurement limits—approximately 4
μV.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA2188


Similar Part No. - OPA2188AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2188AIDR TI1-OPA2188AIDR Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2188AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
[Old version datasheet]   0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
   0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com