Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1854AR Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1854AR
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1854AR Datasheet(HTML) 4 Page - Sony Corporation

  CXA1854AR Datasheet HTML 1Page - Sony Corporation CXA1854AR Datasheet HTML 2Page - Sony Corporation CXA1854AR Datasheet HTML 3Page - Sony Corporation CXA1854AR Datasheet HTML 4Page - Sony Corporation CXA1854AR Datasheet HTML 5Page - Sony Corporation CXA1854AR Datasheet HTML 6Page - Sony Corporation CXA1854AR Datasheet HTML 7Page - Sony Corporation CXA1854AR Datasheet HTML 8Page - Sony Corporation CXA1854AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
– 4 –
CXA1854AR
Pin
No.
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
I
I
I
I
O
I
O
I
O
I
I
O
I
I
O
I
I
I
I
I
I
I
I
I
I
I
I
I
Digital 5V power supply
Switches between Normal scan (H) and Reverse scan (L)
Leave this pin open.
Leave this pin open.
Leave this pin open.
Analog 12V GND
R output
R signal DC voltage feedback input
G output
G signal DC voltage feedback input
B output
B signal DC voltage feedback input
Analog 12V power supply
Black peak limiter level adjustment
Analog 5V power supply
Constant voltage capacitor connection
B-Y demodulator input (or B-Y/color difference signal input)
R-Y demodulator input (or R-Y/color difference signal input)
Chroma signal output (for PAL 1HDL)
Hue adjustment/system reset
Color adjustment
VXO crystal oscillator connection
R brightness adjustment
B brightness adjustment
RGB gain adjustment
γ 2 adjustment
γ 1 adjustment
Brightness adjustment
Contrast adjustment
Chroma signal input
R gain adjustment
B gain adjustment
H
H
H
H
VDD
RGT
TEST6
TEST7
TEST8
GND2
R OUT
FB R
G OUT
FB G
B OUT
FB B
VCC2
BLKLIM
VCC1
REG
B-YIN
R-YIN
COUT
HUE/RST
COLOR
XVXO
R-BRT
B-BRT
RGB-GAIN
GAMMA2
GAMMA1
BRIGHT
CONTRAST
CIN
R-GAIN
B-GAIN
Symbol
I/O
Description
Input pin for
open status


Similar Part No. - CXA1854AR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Similar Description - CXA1854AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com