Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA8362WNS Datasheet(PDF) 4 Page - IK Semicon Co., Ltd

Part # ILA8362WNS
Description  SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILA8362WNS Datasheet(HTML) 4 Page - IK Semicon Co., Ltd

  ILA8362WNS Datasheet HTML 1Page - IK Semicon Co., Ltd ILA8362WNS Datasheet HTML 2Page - IK Semicon Co., Ltd ILA8362WNS Datasheet HTML 3Page - IK Semicon Co., Ltd ILA8362WNS Datasheet HTML 4Page - IK Semicon Co., Ltd ILA8362WNS Datasheet HTML 5Page - IK Semicon Co., Ltd ILA8362WNS Datasheet HTML 6Page - IK Semicon Co., Ltd ILA8362WNS Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ILA8362WNS
4
MAIN ELECTRIC PARAMETERS FOR ILA8362W
Target
N
Parameter
Symbol
Min
Max
1
2
3
4
5
1.
Supply current, мА
Ip
___
100
2.
Scanning starting threshold, V
Uth
5.8
6.8
3.
Video IF amplifier input sensitivity , RMS value,
μV
Ui(rms)
___
100
4.
Gain control range АGC, dB
Gcr
64
___
5.
AGC efficiency (while input signal changing is 50dB), dB
θ
___
6
6.
White level on videoamplifier output for negative modulation signal, V
Uw7
3.4
5.1
7.
Synchrosignal upper level on videoamplifier output , V
Us7
1.5
2.5
8.
Videoamplifier output resistance, Оhm
R07
___
50
9.
Signal altitude on videoamplifier output for negative modulation signals, V
U0p-p
1.6
2.8
10.
Videosignal non-linearity on videoamplifier output, %
NLvid
___
9
11.
Max white level on on output of V-ampl.,V
Uth
4,0
5.6
12.
Signal/noise ratio on V-ampl. output while input signal altitude is 10mV, dB
S/N
52
___
13.
Saturation voltage on external AGC, mV
UMAX
300
14.
Input signal variation causing whole change of AGC voltage, dB
δU47
0.5
4
15.
Control voltages range, V
Ucr
0.5
4.5
16.
Voltage swing on AFC output , V
U
5.8
___
17.
Characteristic’s slope, КHz
fsl
120
200
18.
Output voltage on identification output
when there is no signal , V
with signal, V
Uo
___
7,0
0.5
19.
Voltage on identification output while feeding input IF with altitude 100
μV, V
Uid
7.0
20.
Input sensitivity, RMS value, mV
2
21.
Rejection of amplitude-modulated signal , dB
AMR
46
___
22.
23.
Output resistance, kОhm
R01
12
18
24.
Output signal altitude variation in PAFTC capture range of sound
demodulator, dB
Ео
3
25.
Constant component of output voltage , V
U1
2.5
3.5
1
2
3
4
5
26.
Output voltage altitude, RMS value, mV, (pin 1)
Uorms
250
400
27.
Output signal altitude at level 6dB, RMS value, mV, (pit 50)
Uorms
400
800
28.
Constant component of output voltage, V
U50
2.5
3.7
29.
Non-linear distortion ratio, %
THD
___
0.6
30.
Ratio signal/noise for internal signal source, dB
S/N
60
___
31.
Adjustment range, dB
VOLcr
80
___
32.
Output signal rejection within silence mode, dB
OSS
80
___
33.
Output signal’s constant component bias while transition into silence mode,
mV
δU50
___
100
34.
External signal gain, dBБ
δGv
7
13
35.
External and internal signals inter-penetration under max gain, dB
α
60
___
36.
rejection of input videosignal not being selected, dB
ISS
50
___
37.
Black level differentiation between internal and external signals, mV
Udiff
___
100
38.
Input currents ,
μА
Ii
0.13
39.
Input current, mА
I21
___
0.2
40.
Internal Y-signal rejection, dB
SSint
46
___
41.
External Y-signal rejection, dB
SSext
46
___
42.
Y-signal rejection in mode of OSD signal connection directly to Y output ,
dB
SSbt
46
43.
Input current in synchronization absence , mA
I14
0.5
1.3
44.
Generator free oscillations frequency , Hz
ffr
15156
16094
45.
Max frequency deviation while starting line scanning, %
δfmax
___
+75
46.
PAFTC holding band , КHz
fHR
___
±1.2
47.
PAFTC capture band, КHz
fCR
___
±0.6
48.
Low level of output voltage, V
Uol
___
0.3
49.
Max output current, mА
Imax
10


Similar Part No. - ILA8362WNS

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA8362W INTEGRAL-ILA8362W Datasheet
144Kb / 6P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
More results

Similar Description - ILA8362WNS

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA8362W INTEGRAL-ILA8362W Datasheet
144Kb / 6P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
logo
KODENSHI_AUK CORP.
KKA8362WNS KODENSHI-KKA8362WNS Datasheet
255Kb / 7P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
logo
List of Unclassifed Man...
CD1366CP ETC-CD1366CP Datasheet
109Kb / 5P
   VIDEO IF PROCESSOR FOR B/W TV
logo
NEC
UPC1379C NEC-UPC1379C Datasheet
260Kb / 6P
   SYNCHRONIZATION SIGNAL PROCESSOR FOR B/W TV AND SMALL-SIZED COLOR TV
logo
Toshiba Semiconductor
TA8611AN TOSHIBA-TA8611AN Datasheet
462Kb / 11P
   VIDEO AND SOUND IF FOR TV SET
logo
NTE Electronics
NTE1661 NTE-NTE1661 Datasheet
88Kb / 3P
   Integrated Circuit Synchronization Signal Processor For B/W TV and Small-Sized Color TV
logo
Panasonic Semiconductor
AN5763 PANASONIC-AN5763 Datasheet
75Kb / 3P
   VERTICAL DEFLECTION SIGNAL PROCESSING AND OUTPUT IC FOR B/W TV
AN5753 PANASONIC-AN5753 Datasheet
54Kb / 2P
   Horizontal Defiection-Signal Processing IC for B/W TV
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
   Modular for TV, Video and Sound Signals
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com