Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM320C50-EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C50-EP
Description  DIGITAL SIGNAL PROCESSOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C50-EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM320C50-EP Datasheet HTML 7Page - Texas Instruments SM320C50-EP Datasheet HTML 8Page - Texas Instruments SM320C50-EP Datasheet HTML 9Page - Texas Instruments SM320C50-EP Datasheet HTML 10Page - Texas Instruments SM320C50-EP Datasheet HTML 11Page - Texas Instruments SM320C50-EP Datasheet HTML 12Page - Texas Instruments SM320C50-EP Datasheet HTML 13Page - Texas Instruments SM320C50-EP Datasheet HTML 14Page - Texas Instruments SM320C50-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SM320C50EP
DIGITAL SIGNAL PROCESSOR
SGUS040A − AUGUST 2002 − REVISED JANUARY 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
CLOCK CHARACTERISTICS AND TIMING
The C50 can use either its internal oscillator or an external frequency source for a clock. The clock mode is
determined by the CLKMD1 and CLKMD2 pins. Table 3 outlines the selection of the clock mode by these pins.
Table 3. Clock Mode Selection
CLKMD1
CLKMD2
CLOCK SOURCE
1
0
External divide-by-one clock option
0
1
Reserved for test purposes
1
1
External divide-by-two option or internal divide-by-two clock option
with an external crystal
0
0
External divide-by-two option with the internal oscillator disabled
internal divide-by-two clock option with external crystal
The internal oscillator is enabled by connecting a crystal across X1 and X2/CLKIN. The frequency of CLKOUT1
is one-half the crystal oscillating frequency. The crystal should be in either fundamental or overtone operation
and parallel resonant, with an effective series resistance of 30
Ω and a power dissipation of 1 mW; it should be
specified at a load capacitance of 20 pF. Overtone crystals require an additional tuned LC circuit. Figure 4 shows
an external crystal (fundamental frequency) connected to the on-chip oscillator.
recommended operating conditions for internal divide-by-two clock option
MIN
NOM
MAX
UNIT
fx
Input clock frequency
0 †
66
MHz
C1, C2
Load capacitance
10
pF
† This device uses a fully static design and, therefore, can operate with tc(CI) approaching ∞. The device is characterized at frequencies
approaching 0 Hz but is tested at a minimum of 3.3 MHz to meet device test time requirements.
X1
X2 /CLKIN
C1
C2
Crystal
Figure 4. Internal Clock Option


Similar Part No. - SM320C50-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C50 TI1-SM320C50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM50 TI1-SM320C50GFAM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM66 TI1-SM320C50GFAM66 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50HFGM50 TI1-SM320C50HFGM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C50-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com