Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI51210-AXXXFMR Datasheet(PDF) 7 Page - Silicon Laboratories

Part # SI51210-AXXXFMR
Description  TWO OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI51210-AXXXFMR Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button SI51210-AXXXFMR Datasheet HTML 3Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 4Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 5Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 6Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 7Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 8Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 9Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 10Page - Silicon Laboratories SI51210-AXXXFMR Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Si51210
Preliminary Rev. 0.7
7
3. Functional Description
3.1. Input Frequency Range
The input frequency range is from 8.0 to 48.0 MHz for crystals and ceramic resonators. If an external clock is used,
the input frequency range is from 8.0 to 166.0 MHz.
3.2. Output Frequency Range and Outputs
Up to two outputs can be programmed as SSCLK or REFCLK. SSCLK output can be synthesized to any value from
3 to 200 MHz with spread based on valid input frequency. The spread at SSCLK pins can be stopped by the SSON
input control pin. If SSON pin is high (VDD), the frequency at SSCLK pin is synthesized to the nominal value of the
input frequency and there is no spread.
REFCLK is the buffered output of the oscillator and is the same frequency as the input frequency without spread.
However, REFCLK_D output is divided by output dividers from 2 to 32. By using only low cost, fundamental mode
crystals, the Si51210 can synthesize output frequency up to 200 MHz, eliminating the need for higher order
crystals (Xtals) and crystal oscillators (XOs). This reduces the cost while improving the system clock accuracy,
performance, and reliability
3.3. Programmable Modulation Frequency
The spread spectrum clock (SSC) modulation default value is 31.5 kHz. The higher values of up to 62 kHz can also
be programmed. Less than 30 kHz modulation frequency is not recommended to stay out of the range audio
frequency bandwidth since this frequency could be detected as a noise by the audio receivers within the vicinity.
3.4. Programmable Spread Percent (%)
The spread percent (%) value is programmable from ±0.25% to ±1% (center spread) for all SSCLK frequencies. It
is possible to program smaller or larger non-standard values of spread percentage. Contact Silicon Labs if these
non-standard spread percent values are required in the application.
3.5. SSON or Frequency Select (FSEL)
The Si51210 pin 4 and 5 can be programmed as either SSON to enable or disable the programmed spread percent
value or as frequency select (FSEL). If SSON is used, when this pin is pulled high (VDD), the spread is stopped
and the frequency is the nominal value without spread. If low (GND), the frequency is the nominal value with the
spread.
If FSEL function is used, the output pin can be programmed for different set of frequencies as selected by FSEL.
SSCLK value can be any frequency from 3 to 200 MHz, but the spread % is the same percent value. REFCLK is
the same frequency as the input reference clock and the REFCLK_D is input clock divided by 2 to 32 without spread. The
set of frequencies in Table 4 is given as an example, using a 48 MHz crystal.
3.6. Power Down (PD) or Output Enable (OE)
The Si51210 pin 5 can be programmed as PD input. Pin 4 and pin 5 can be programmed as OE input. PD turns off
both PLL and output buffers whereas OE only disables the output buffers to Hi-Z.
Table 4. Example Frequencies
FSEL
(Pin 4)
SSCLK1
(Pin 5)
066 MHz, ±1%
133 MHz, ±1%


Similar Part No. - SI51210-AXXXFMR

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI51210-BXXXXX-GM SKYWORKS-SI51210-BXXXXX-GM Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210-BXXXXX-GM SKYWORKS-SI51210-BXXXXX-GM Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210-BXXXXX-GMR SKYWORKS-SI51210-BXXXXX-GMR Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210-BXXXXX-GMR SKYWORKS-SI51210-BXXXXX-GMR Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
More results

Similar Description - SI51210-AXXXFMR

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI51214 SKYWORKS-SI51214 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51210 SKYWORKS-SI51210 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
logo
Silicon Laboratories
SI51218 SILABS-SI51218 Datasheet
1Mb / 13P
   THREE OUTPUTS FACTORY PROGRAMMABLE CLOCK GENERATOR
logo
Asahi Kasei Microsystem...
AK8146C AKM-AK8146C Datasheet
295Kb / 6P
   Two Outputs Clock Generator
logo
Skyworks Solutions Inc.
SI51211 SKYWORKS-SI51211 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.0
logo
Maxim Integrated Produc...
MAX9491 MAXIM-MAX9491 Datasheet
303Kb / 11P
   Factory-Programmable, Single PLL Clock Generator
Rev 0; 1/06
logo
Skyworks Solutions Inc.
SI51218 SKYWORKS-SI51218 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
logo
Analog Devices
AD9575 AD-AD9575 Datasheet
316Kb / 16P
   Network Clock Generator, Two Outputs
REV. 0
logo
Silicon Laboratories
SI5350 SILABS-SI5350 Datasheet
69Kb / 2P
   Factory-Programmable Any-Frequency CMOS Clock Generator
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com