Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1819Q Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA1819Q
Description  RGB Driver for LCD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1819Q Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA1819Q Datasheet HTML 6Page - Sony Corporation CXA1819Q Datasheet HTML 7Page - Sony Corporation CXA1819Q Datasheet HTML 8Page - Sony Corporation CXA1819Q Datasheet HTML 9Page - Sony Corporation CXA1819Q Datasheet HTML 10Page - Sony Corporation CXA1819Q Datasheet HTML 11Page - Sony Corporation CXA1819Q Datasheet HTML 12Page - Sony Corporation CXA1819Q Datasheet HTML 13Page - Sony Corporation CXA1819Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
– 10 –
CXA1819Q
Electrical Characteristics
(Ta = 25°C, Vcc1 = 5V, Vcc2 = 13V, see the Electrical Characteristics Measurement Circuit.)
No.
1
Current
consumption 1
Icc1
Icc2
FR
FG
FB
GR
GG
GB
43
44
18
19
15
11
9
15
11
9
5V power supply current
consumption I43 + I44
13V power supply current
consumption I18 + I19
Frequency which is
–3dB at 200kHz
I/O gain
22
14
11
8.6
3.5
12.5
–3.5
+3.5
–3.5
+3.5
0.75
2.4
mA
mA
MHz
dB
dB
dB
dB
V
11
39
40
41
39
40
41
Input waveform
diagram 1
Output waveform
diagram 1
Input waveform
diagram 2
Output waveform
diagram 2
Input waveform
diagram 2
Output waveform
diagram 2
RGB gain pin = 1.6V
Input waveform
diagram 2
Output waveform
diagram 2
RGB gain pin = 5.0V
G I/O gain
G I/O gain
Current
consumption 2
Frequency
response
R, G, B
standard
gains
RGB
gain
adjust
-ment
range
Min.
Max.
GGL
40
GGH
2
3
4
5
6
15
Input waveform
diagram 2
Output waveform
diagram 2
R gain pin = 1.6V
Input waveform
diagram 2
Output waveform
diagram 2
R gain pin = 5.0V
R I/O gain
difference with G
I/O gain
R I/O gain
difference with G
I/O gain
R gain
adjust
-ment
range
Min.
Max.
GRL
39
GRH
7
8
9
Input waveform
diagram 2
Output waveform
diagram 2
B gain pin = 1.6V
Input waveform
diagram 2
Output waveform
diagram 2
B gain pin = 5.0V
B I/O gain
difference with G
I/O gain
B I/O gain
difference with G
I/O gain
B gain
adjust
-ment
range
Min.
Max.
GBL
41
GBH
9
10
20
Input waveform
diagram 4
Output waveform
diagram 6
SID gain pin = 1.6V
Input waveform
diagram 4
Output waveform
diagram 6
SID gain pin = 5.0V
Black level and
gray level
difference of SID
output
Black level and
gray level
difference of SID
output
SID
gain
adjust
-ment
range
Min.
Max.
GSL
GSH
11
12
Item
Symbol
Measurement conditions
Input
pin
Conditions
Measurement
point
Measurement
method
Min.
Typ. Max. Unit
26
16.6
11.4
11.0
2.0
2.0
2.1
27.4
21.1
5.50
–2.0
–2.0
0.94


Similar Part No. - CXA1819Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Similar Description - CXA1819Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
   RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
[Old version datasheet]   Quad RGB Driver
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com