Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1814 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1814
Description  8 mm VCR ATF
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1814 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1814 Datasheet HTML 7Page - Sony Corporation CXA1814 Datasheet HTML 8Page - Sony Corporation CXA1814 Datasheet HTML 9Page - Sony Corporation CXA1814 Datasheet HTML 10Page - Sony Corporation CXA1814 Datasheet HTML 11Page - Sony Corporation CXA1814 Datasheet HTML 12Page - Sony Corporation CXA1814 Datasheet HTML 13Page - Sony Corporation CXA1814 Datasheet HTML 14Page - Sony Corporation CXA1814 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
– 11 –
CXA1814N
Electrical Characteristics
(AC characteristics 1)
(Unless otherwise specified, Ta = 25 °C, VCC = 3.15 V)
DET
BM
GCA
LPF1
RECPILOT
REFPILOT
LPF2
1
2
3
4
5
6
7
8
9
10
11
12
PB
IN
PRE
AMP
BPF
46K
BPF
16K
ERR
AMP
ATF
ERR
LPF1 Gain
GCA1 S/N ratio
GCA1 folded noise
BPF16K reference gain
BPF16K Gain
BPF46K reference gain
BPF46K Gain
BPF Gain Diff
Cross Talk
LPF2 reference gain
Glp1M
Glp11
Glp12
Glp13
Glp14
Glp15
Glp16
Glp17
Vgca11
Vgca
Gbp1M
Gbp11
Gbp12
Gbp13
Gbp2M
Gbp21
Gbp22
Gbp23
Gbp24
D Gbp
Gcap
Glp2M
Glp21
Glp22
Glp23
Glp24
Glp25
Glp26
PBIN – GCA1OUT
Vin=30 mVp-p, 100 kHz, GCA1: 0000
PBIN = 30 mVp-p, 120 kHz, GCA1: 0000
PBIN = 30 mVp-p, 150 kHz, GCA1: 0000
PBIN = 30 mVp-p, 170 kHz, GCA1: 0000
PBIN = 100 mVp-p, 250 kHz, GCA1: 0000
PBIN = 300 mVp-p, 400 kHz, GCA1: 0000
PBIN = 800 mVp-p, 750 kHz, GCA1: 0000
PBIN = 800 mVp-p, 3 MHz, GCA1: 0000
PBIN = 10 mVp-p, 100 kHz; Measure GCA1OUT.
RBW = 300 Hz, VBW = 100 Hz; Maximum value from 50 to 250 kHz
PBIN = 0.6 Vp-p, 6 MHz; Measure GCA1OUT.
RBW = 300 Hz, VBW = 100 Hz; Maximum value from 50 to 250 kHz
BPFin = 0.5 Vp-p, 16.46 kHz
BPFin = 0.5 Vp-p, 9 kHz;
Gbp1M reference
BPFin = 0.5 Vp-p, 28 kHz;
Gbp1M reference
BPFin = 0.5 Vp-p, 150 kHz; Gbp1M reference
BPFin = 0.5 Vp-p, 46.2 kHz
BPFin = 0.5 Vp-p, 16 kHz;
Gbp2M reference
BPFin = 0.5 Vp-p, 33 kHz;
Gbp2M reference
BPFin = 0.5 Vp-p, 60 kHz;
Gbp2M reference
BPFin = 0.5 Vp-p, 150 kHz; Gbp2M reference
Difference between Gbp1M and Gbp2M
REFPILOT = 0.5 Vp-p, 200 kHz; PILOTACT = Low
PBIN = AC GND; Measure GCA1OUT
500 mVp-p, 100 kHz
500 mVp-p, 120 kHz;
Glp2M reference
500 mVp-p, 150 kHz;
Glp2M reference
500 mVp-p, 170 kHz;
Glp2M reference
500 mVp-p, 300 kHz;
Glp2M reference
500 mVp-p, 500 kHz;
Glp2M reference
500 mVp-p, 1.5 MHz;
Glp2M reference
23
–1.5
–1.5
–1.5
40
1
1
–2
–1
–1.5
–1.5
–1.5
25
0.5
0.5
0
–10
–27
–50
–65
50
1
4
–24
–22
–35
4
–31
–26
–24
–36
0
–60
0
0.5
0.4
–0.5
–16
–37
–80
27
1.5
1.5
1.5
–6.5
–17.5
–35
–50
50
7
–20
–20
–26
7
–26
–20
–20
–26
2
–46
1
1.5
1.5
1.5
–12
–33
–40
dB
mVp-p
dB
Measurement
points
1 to 4
Measurement
points
5 to 6
Measurement
points
5 to 7
Measurement
point 4
Measurement
points
1 to 4
Item
Symbol
Conditions
Rating values
Unit
Remarks
Min.
Typ.
Max.


Similar Part No. - CXA1814

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Similar Description - CXA1814

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1481AQ SONY-CXA1481AQ Datasheet
496Kb / 20P
   8 mm VCR ATF
CXA1203M SONY-CXA1203M Datasheet
579Kb / 26P
   8 mm VCR PAL JOG
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
   8 mm VCR AFM SIGNAL PROCESSOR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
   AFM Monaural Signal Processor for 8 mm VCR
CXA1737R SONY-CXA1737R Datasheet
513Kb / 36P
   AFM Stereo Signal Processor for 8 mm VCR
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
   Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com