Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC5322LD Datasheet(PDF) 2 Page - Texas Instruments

Part # TPIC5322LD
Description  3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5322LD Datasheet(HTML) 2 Page - Texas Instruments

  TPIC5322LD Datasheet HTML 1Page - Texas Instruments TPIC5322LD Datasheet HTML 2Page - Texas Instruments TPIC5322LD Datasheet HTML 3Page - Texas Instruments TPIC5322LD Datasheet HTML 4Page - Texas Instruments TPIC5322LD Datasheet HTML 5Page - Texas Instruments TPIC5322LD Datasheet HTML 6Page - Texas Instruments TPIC5322LD Datasheet HTML 7Page - Texas Instruments TPIC5322LD Datasheet HTML 8Page - Texas Instruments TPIC5322LD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TPIC5322L
3CHANNEL INDEPENDENT LOGICLEVEL POWER DMOS ARRAY
SLIS034A − JUNE 1994 − REVISED NOVEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
60
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
See Figure 5
VDS = VGS,
1.5
1.85
2.2
V
V(BR)
Reverse drain-to-GND breakdown voltage (across
D1, D2, and D3)
Drain-to-GND current = 250
µA
100
V
VDS(on)
Drain-to-source on-state voltage
ID = 1 A,
See Notes 2 and 3
VGS = 5 V,
0.45
0.525
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 1 A,
VGS = 0,
See Notes 2 and 3 and Figure 12
0.85
1
V
VF
Forward on-state voltage, GND-to-drain
ID = 1 A
3.7
V
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
TC = 25°C
0.05
1
A
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward gate current, drain short circuited to
source
VGS = 16 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short circuited to
source
VSG = 16 V,
VDS = 0
10
100
nA
Ilkg
Leakage current, drain-to-GND
VDGND = 48 V
TC = 25°C
0.05
1
A
Ilkg
Leakage current, drain-to-GND
VDGND = 48 V
TC = 125°C
0.5
10
µA
rDS(on)
Static drain-to-source on-state resistance
VGS = 5 V,
ID = 1 A,
TC = 25°C
0.45
0.525
rDS(on)
Static drain-to-source on-state resistance
ID = 1 A,
See Notes 2 and 3
and Figures 6 and 7
TC = 125°C
0.7
0.78
gfs
Forward transconductance
VDS = 10 V,
ID = 0.5 A,
See Notes 2 and 3 and Figure 9
1
1.24
S
Ciss
Short-circuit input capacitance, common source
135
170
Coss
Short-circuit output capacitance, common source
VDS = 25 V,
f = 1 MHz,
VGS = 0,
See Figure 11
80
100
pF
Crss
Short-circuit reverse-transfer capacitance,
common source
VDS = 25 V,
f = 1 MHz,
VGS = 0,
See Figure 11
30
40
pF
NOTES:
2. Technique should limit TJ − TC to 10°C maximum.
3. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-to-drain and GND-to-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse-recovery time
I
= 0.5 A,
V
= 48 V,
Z1, Z2, Z3
35
ns
trr
Reverse-recovery time
IS = 0.5 A,
VGS = 0,
VDS = 48 V,
di/dt = 100 A /
µs,
D1, D2, D3
110
ns
QRR
Total diode charge
S
VGS = 0,
See Figures 1 and 14
DS
di/dt = 100 A /
µs,
Z1, Z2,Z3
0.035
µC
QRR
Total diode charge
See Figures 1 and 14
D1, D2, D2
0.35
µC


Similar Part No. - TPIC5322LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323LD TI1-TPIC5323LD Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results

Similar Description - TPIC5322LD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5302 TI-TPIC5302 Datasheet
171Kb / 11P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
TPIC5303 TI1-TPIC5303 Datasheet
264Kb / 14P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com