Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC3322L Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC3322L
Description  3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC3322L Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC3322L Datasheet HTML 3Page - Texas Instruments TPIC3322L Datasheet HTML 4Page - Texas Instruments TPIC3322L Datasheet HTML 5Page - Texas Instruments TPIC3322L Datasheet HTML 6Page - Texas Instruments TPIC3322L Datasheet HTML 7Page - Texas Instruments TPIC3322L Datasheet HTML 8Page - Texas Instruments TPIC3322L Datasheet HTML 9Page - Texas Instruments TPIC3322L Datasheet HTML 10Page - Texas Instruments TPIC3322L Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TPIC3322L
3CHANNEL COMMONDRAIN LOGICLEVEL POWER DMOS ARRAY
SLIS035B − JUNE 1994 − REVISED SEPTEMBER 1995
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251−1443
7
TYPICAL CHARACTERISTICS
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD − Source-to-Drain Voltage − V
160
80
40
0
360
120
0
4
8
12162024
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
400
28
32
36
40
VDS − Drain-to-Source Voltage − V
VGS = 0
f = 1 MHz
TJ = 25°C
Ciss(0) = 158 pF
Coss(0) = 400 pF
Crss(0) = 78 pF
Ciss
Coss
Crss
10
0.1
1
1
0.1
0.01
10
TJ = 150°C
TJ = 125°C
TJ = 75°C
TJ = − 40°C
TJ = 25°C
VGS = 0
Figure 11
Figure 12
75
50
25
0
0
100
200
100
300
400
500
600
VGS = 0
VDS = 48 V
IS = 0.375 A
TJ = 25°C
See Figure 1
Reverse dl/dt − A/
µs
REVERSE-RECOVERY TIME
vs
REVERSE di/dt
DRAIN-TO-SOURCE AND GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg − Gate Charge − nC
0
0.5
1
1.5
2
30
20
10
0
40
50
60
70
6
4
2
0
8
10
12
14
ID = 0.375 A
TJ = 25°C
See Figure 3
VDS = 48 V
VDS = 30 V
VDS = 20 V
VDS = 20 V
Z1, Z2, and Z3
D1
Figure 13
Figure 14


Similar Part No. - TPIC3322L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302D TI1-TPIC3302D Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
More results

Similar Description - TPIC3322L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC5322L TI1-TPIC5322L Datasheet
228Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com