Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2401KTA Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC2401KTA
Description  4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2401KTA Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC2401KTA Datasheet HTML 2Page - Texas Instruments TPIC2401KTA Datasheet HTML 3Page - Texas Instruments TPIC2401KTA Datasheet HTML 4Page - Texas Instruments TPIC2401KTA Datasheet HTML 5Page - Texas Instruments TPIC2401KTA Datasheet HTML 6Page - Texas Instruments TPIC2401KTA Datasheet HTML 7Page - Texas Instruments TPIC2401KTA Datasheet HTML 8Page - Texas Instruments TPIC2401KTA Datasheet HTML 9Page - Texas Instruments TPIC2401KTA Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TPIC2401
4CHANNEL COMMONSOURCE POWER DMOS ARRAY
SLIS049 − NOVEMBER 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
Figure 9
17.9
10.8
3.6
0
1.108 1.136 1.164 1.192 1.220
25.1
32.3
PERCENTAGE OF UNITS
vs
FORWARD TRANSCONDUCTANCE
35.9
1.248 1.276 1.304 1.332
28.7
21.5
14.4
7.2
gfs − Forward Transconductance − S
Total Number of
Units = 199
VDS = 15 V
ID = 1 A
TJ = 25°C
Figure 10
3
2
1
0
01
2
3
4
4
5
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
6
56
7
VGS − Gate-to-Source Voltage − V
TJ = 150°C
TJ = 25°C
TJ = 40°C
Figure 11
250
200
100
0
0
4
8
121620
24
350
400
500
28
32
36
40
VDS − Drain-to-Source Voltage − V
Ciss
Coss
Crss
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
450
300
150
50
f = 1 MHz
TJ = 25°C
Ciss(0) = 220 pF
Coss(0) = 350 pF
Crss(0) = 195 pF
Figure 12
1
0.1
0.1
1
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
10
10
VSD − Source-To-Drain Voltage − V
TJ = 40°C
TJ = 25°C
TJ = 150°C
VGS = 0


Similar Part No. - TPIC2401KTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
TPIC2404 TI-TPIC2404 Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
[Old version datasheet]   INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
TPIC2406 TI1-TPIC2406 Datasheet
208Kb / 13P
[Old version datasheet]   INTELLIGENT-POWER QUAD MOSFET LATCH
More results

Similar Description - TPIC2401KTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2301 TI1-TPIC2301 Datasheet
160Kb / 9P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
logo
Seme LAB
MCA002 SEME-LAB-MCA002 Datasheet
37Kb / 3P
   MULTI-CHIP ARRAY 4 COMMON SOURCE P-CHANNEL MOSFETS AND 4 COMMON SOURCE N-CHANNEL MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com