Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1810AQ Datasheet(PDF) 46 Page - Sony Corporation

Part # CXA1810AQ
Description  Luminance and Color Signal Processing for 8mm VCR
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1810AQ Datasheet(HTML) 46 Page - Sony Corporation

Back Button CXA1810AQ Datasheet HTML 42Page - Sony Corporation CXA1810AQ Datasheet HTML 43Page - Sony Corporation CXA1810AQ Datasheet HTML 44Page - Sony Corporation CXA1810AQ Datasheet HTML 45Page - Sony Corporation CXA1810AQ Datasheet HTML 46Page - Sony Corporation CXA1810AQ Datasheet HTML 47Page - Sony Corporation CXA1810AQ Datasheet HTML 48Page - Sony Corporation CXA1810AQ Datasheet HTML 49Page - Sony Corporation CXA1810AQ Datasheet HTML 50Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
—46—
CXA1810AQ/AR
10. PB C cross talk cancellation
The playback C signal which passes through the BPF is input after frequency conversion. The feedback
chroma comb filter is configured as shown above.
By switching modes FBCL1 and FBCL2, the feedback loop gain from the Y comb is changed as shown
below.
Feedback loop gain
When the feedback loop gain is increased the S/N ratio can be improved, but note that color smear in the
vertical direction and transient response are both worsen.
CCD
EQ
ATT
CLAMP1
VCA1
HPF
FBCL1
FBCL2
OUT
NOCORRE + EDIT + BF
ACK • BF
DL OUT1
DL IN1
Playback C signal
Playback Y or
pseudo-sync
C comb
Y comb
+
+
+
+
+
+
21
23
LPF
227ƒH
228ƒH
ƒ
During editing
Feedback loop
gain is large
FBCL1
High
Low
FBCL2
High
6.7dB
4.8dB
Low
1.9dB
0dB


Similar Part No. - CXA1810AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
logo
Cree, Inc
CXA1816 CREE-CXA1816 Datasheet
2Mb / 17P
   XLamp LED
More results

Similar Description - CXA1810AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1700AQ SONY-CXA1700AQ Datasheet
794Kb / 51P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com