Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXA1810AQ Datasheet(PDF) 2 Page - Sony Corporation

Part No. CXA1810AQ
Description  Luminance and Color Signal Processing for 8mm VCR
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1810AQ Datasheet(HTML) 2 Page - Sony Corporation

  CXA1810AQ Datasheet HTML 1Page - Sony Corporation CXA1810AQ Datasheet HTML 2Page - Sony Corporation CXA1810AQ Datasheet HTML 3Page - Sony Corporation CXA1810AQ Datasheet HTML 4Page - Sony Corporation CXA1810AQ Datasheet HTML 5Page - Sony Corporation CXA1810AQ Datasheet HTML 6Page - Sony Corporation CXA1810AQ Datasheet HTML 7Page - Sony Corporation CXA1810AQ Datasheet HTML 8Page - Sony Corporation CXA1810AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
—2—
CXA1810AQ/AR
Block Diagram and Pin Configuration
(CXA1810AQ)
S•REC
+ACK•REC
S•REC
+ACK•REC
BUS DECODER
HHK
AFC DET
AFC ID
APC ID
1/8
APC
DET
ACK BID
DET
ACK
CONT
ACK
BID
FF
fo
AUTO
CAR
CONV
1/N
CAR
BPF
VXO
XO
VCO
BF
CXA1810AQ
SWP
CAR. CONT
DEV. CONT
SMEAR. CONT
HHS
LPF
DEMOD
LIM
LIM
MOD
SYNC SEP
CLAMP
CLAMP
CLAMP
CLAMP
VIDEO
AGC
AGC DET
VD/HD
INSERT
Y MUTE
DDS
DOC TRAP
VCA 1
CLAMP 1
SYNC
ATT
ATT
BPF
ATT
LIM
TRAP
EQ
EQ
fsc
TRAP
VCA 2
CLAMP 2
CLAMP 3
Sharpness
HPF
Y CORRE DET
NOISE CANCELLER
W/D CLIP
SMEAR COMP
Y EMPH
Y DE EMPH
CLAMP
HARD
CLIP
HHS CANCEL
SWP
CLIP COMP
PI
PS
REC C
LPF
REC
CONV
BURST
EMPH
BURST
DEEMPH
CROMA
EMPH
ACC
AMP
CAR
INV
PB C
LPF
PB
CONV
PB C
BPF
ACC
CONT
ACC
DET
CROMA
DEEMPH
SWP
ACK
SW
SWP
ACK
SW
C MUTE
INSEL
AGC OFF
ON
PB
S•REC+PB
REC
TEST2
REC
TEST2
TEST1
REC
PB
REC
PB
CAM REC
TEST1
REC
PB
TEST1
REC
PB
REC
PB
C SEL
REC
PB
REC
PB
S•REC
PB
EDIT
PB•ACK
NO CORR
S•REC
W•PB
PB
W•PB
DOP
W•PB
Yd PB
PB
Yd PB
PB
REC
REC
W•PB
PB
REC
SHP
THROU
E
PB+REC CORR
REC•(S+443+EDIT+NO CORR)
+
+
+
+
+
+ +
+ +
+
+
+
+ +
+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
CLAMP
TC1
Y OUT
V OUT
GND
VIDEO
OUT
INV IN
RF/V
VCC
Y RF
OUT
RF GND
Y RF IN
SMEAR
CONT
DEV
CONT
CARR
CONT
PB C IN
SWP
CS
SI
CK
D. O.
PULSE
APC
FL
DL OUT2
CLAMP
TC3
DL IN2
AGC TC3
COMB
ADJ
LIM C
Y COMB
OUT
C TRAP
VG1
DEEMPH
IN
COMP TC
REC
C OUT
DEMOD
OUT
NC TC IN
EMPH IN
SUB
EMPH TC
MAIN
EMPH TC
MAIN
EMPH OUT
C EMPH
CONT
90°
SHIFT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn