Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM893GBK32I-60 Datasheet(PDF) 2 Page - Texas Instruments

Part # TM893GBK32I-60
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM893GBK32I-60 Datasheet(HTML) 2 Page - Texas Instruments

  TM893GBK32I-60 Datasheet HTML 1Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 2Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 3Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 4Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 5Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 6Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 7Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 8Page - Texas Instruments TM893GBK32I-60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TM497FBK32H, TM497FBK32I 4194304 BY 32BIT
TM893GBK32H, TM893GBK32I 8388608 BY 32BIT
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS674A − MARCH 1997 − REVISED SEPTEMBER 1997
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table 1. TM497FBK32H/I Connection Table
DATA BLOCK
RASx
CASx
DQ0 − DQ7
RAS0
CAS0
DQ8 − DQ15
RAS0
CAS1
DQ16 − DQ23
RAS2
CAS2
DQ24 − DQ31
RAS2
CAS3
Table 2. TM893GBK32H/I Connection Table
DATA BLOCK
RASx
CASx
DATA BLOCK
Side 1
Side 2
CASx
DQ0 − DQ7
RAS0
RAS1
CAS0
DQ8 − DQ15
RAS0
RAS1
CAS1
DQ16 − DQ23
RAS2
RAS3
CAS2
DQ24 − DQ31
RAS2
RAS3
CAS3
refresh
The refresh period is extended to 32 ms and, during this period, each of the 2 048 rows must be strobed with
RAS to retain data. CAS can remain high during the refresh sequence to conserve power.
power up
To achieve proper operation, an initial pause of 200
µs followed by a minimum of eight initialization cycles is
required after full VCC level is achieved. These eight initialization cycles need to include at least one refresh
(RAS-only or CBR ) cycle.
single-in-line memory module and components
PC substrate: 1,27
± 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
Bypass capacitors: Multilayer ceramic
Contact area for TM497FBK32H and TM893GBK32H: Nickel plate and gold plate over copper
Contact area for TM497FBK32I and TM893GBK32I: Nickel plate and tin-lead over copper


Similar Part No. - TM893GBK32I-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM893GBK32 TI-TM893GBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32G TI1-TM893GBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32R TI1-TM893GBK32R Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32S TI-TM893GBK32S Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32S-60 TI-TM893GBK32S-60 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
More results

Similar Description - TM893GBK32I-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com