Electronic Components Datasheet Search |
|
QKL15A32ATLK4(R) Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc |
|
QKL15A32ATLK4(R) Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 20 page Kinetis L series MCU families combine the latest low-power innovations with precision mixed-signal capability and a broad range of communication, connectivity, and human-machine interface peripherals. Each MCU family is supported by a market-leading enablement bundle from Freescale and numerous ARM 3rd party ecosystem partners. The KL0x family is the entry-point to the Kinetis L series and is compatible with the 8-bit S08PT family. The KL1x/2x/3x/4x families are compatible with each other and their equivalent ARM Cortex-M4 Kinetis K series families - K10/20/30/40. KL2x Family KL1x Family KL0x Family KL3x Family Family Program Flash Packages Key Features Low power Mixed signal USB Segment LCD KL4x Family 8-32KB 32-256KB 32-256KB 64-256KB 128-256KB 16-48pin 32-80pin 32-121pin 64-121pin 64-121pin Figure 1. Kinetis L series families of MCU portfolio All Kinetis L series families include a powerful array of analog, communication and timing and control peripherals with the level of feature integration increasing with flash memory size and the pin count. Features within the Kinetis L series families include: • Core and Architecture: • ARM Cortex-M0+ Core delivering 1.77 CoreMark/MHz from single-cycle access memories • Single-cycle access to I/O and critical peripherals: Up to 50 percent faster than standard I/O, improves reaction time to external events allowing bit banging and software protocol emulation • Two-stage pipeline: Reduced number of cycles per instruction (CPI), enabling faster branch instruction and ISR entry • Excellent code density vs. 8-bit and 16-bit MCUs - reduces flash size, system cost and power consumption • Optimized access to program memory: Accesses on alternate cycles reduces power consumption • 100 percent compatible with ARM Cortex-M0 and a subset ARM Cortex-M3/M4: Reuse existing compilers and debug tools • Simplified architecture: 56 instructions and 17 registers enables easy programming and efficient packaging of 8/16/32-bit data in memory • Linear 4 GB address space removes the need for paging/banking, reducing software complexity • ARM third-party ecosystem support: Software and tools to help minimize development time/cost • Micro Trace Buffer: Lightweight trace solution allows fast bug identification and correction • BME: Bit manipulation engine reduces code size and cycles for bit oriented operations to peripheral registers eliminating traditional methods where the core would need to perform read-modify-write instructions. • Up to 4-channel DMA for peripheral and memory servicing with minimal CPU intervention • Broad range of performance levels with CPU frequencies up to 48 MHz • Ultra low-power: • Next-generation 32-bit ARM Cortex M0+ core: 2x more CoreMark/mA than the closest 8/16-bit architecture Kinetis L Series KL14/KL15 Product Brief, Rev. 2, 6/2012 2 Preliminary Freescale Semiconductor, Inc. General Business Information |
Similar Part No. - QKL15A32ATLK4(R) |
|
Similar Description - QKL15A32ATLK4(R) |