Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG71055-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REG71055-Q1
Description  30-mA 5.5-V BOOST CHARGE PUMP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG71055-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  REG71055-Q1 Datasheet HTML 1Page - Texas Instruments REG71055-Q1 Datasheet HTML 2Page - Texas Instruments REG71055-Q1 Datasheet HTML 3Page - Texas Instruments REG71055-Q1 Datasheet HTML 4Page - Texas Instruments REG71055-Q1 Datasheet HTML 5Page - Texas Instruments REG71055-Q1 Datasheet HTML 6Page - Texas Instruments REG71055-Q1 Datasheet HTML 7Page - Texas Instruments REG71055-Q1 Datasheet HTML 8Page - Texas Instruments REG71055-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
V
(V)
IN
250
225
200
175
150
125
100
75
50
25
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
REG71055-Q1
www.ti.com....................................................................................................................................................................................................... SBAS477 – JULY 2009
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VIN = VOUT/2 + 0.75 V, IOUT = 5 mA, CIN = COUT = 2.2 µF, CPUMP = 0.22 µF, and VENABLE = 1.3 V (unless otherwise
noted)
SHORT-CIRCUIT LOAD CURRENT vs VIN
Figure 7.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): REG71055-Q1


Similar Part No. - REG71055-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71055 TI-REG71055 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
REG71055 TI1-REG71055 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
REG71055DDC TI-REG71055DDC Datasheet
781Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71055DDCR TI-REG71055DDCR Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG71055DDCR BURR-BROWN-REG71055DDCR Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
More results

Similar Description - REG71055-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Texas Instruments
TPS60151 TI-TPS60151_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS60151 5-V and 140-mA Charge Pump
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
logo
ON Semiconductor
NCV48220 ONSEMI-NCV48220 Datasheet
276Kb / 17P
   LDO Regulator - Very Low Quiescent Current, Charge Pump Boost Converter 150 mA
September, 2019 ??Rev. 1
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com