Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTEA420025P2AD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTEA420025P2AD
Description  20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTEA420025P2AD Datasheet(HTML) 1 Page - Texas Instruments

  PTEA420025P2AD Datasheet HTML 1Page - Texas Instruments PTEA420025P2AD Datasheet HTML 2Page - Texas Instruments PTEA420025P2AD Datasheet HTML 3Page - Texas Instruments PTEA420025P2AD Datasheet HTML 4Page - Texas Instruments PTEA420025P2AD Datasheet HTML 5Page - Texas Instruments PTEA420025P2AD Datasheet HTML 6Page - Texas Instruments PTEA420025P2AD Datasheet HTML 7Page - Texas Instruments PTEA420025P2AD Datasheet HTML 8Page - Texas Instruments PTEA420025P2AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
L
O
A
D
SENSE (–)
SENSE (+)
PTEA4200xxN
5
2
7
Adjust
8
6
4
1
3
+VO
Sense(+)
−VO
Sense(−)
+VI
−VI
+VI
−VI
+VO
−VO
CI
(Optional)
CO
(Optional)
Remote
On/Off
PTEA420025, PTEA420033
www.ti.com
SLTS288C – JUNE 2007 – REVISED OCTOBER 2010
20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
Check for Samples: PTEA420025, PTEA420033
1
FEATURES
DESCRIPTION
20–A Output Current Rating
Input Voltage Range: 36 V to 75 V
The PTEA series of power modules are single-output
isolated DC/DC converters, housed in an industry
92% Efficiency
standard 1/8thbrick package. These modules are
1500 Vdc Isolation
rated up to 66 W with a maximum load current of
Fast Transient Response
20 A.
On/Off Control
The PTEA series operates from a standard 48-V
Overcurrent Protection
telecom central office (CO) supply and occupies only
2.0 in2 of PCB area. The modules offer OEMs a
Differential Remote Sense
compact and flexible high-output power source in an
Adjustable Output Voltage
industry standard footprint. They are suitable for
Output Overvoltage Protection
distributed power applications in both telecom and
computing environments, and may be used for
Over-Temperature Shutdown
powering high-end microprocessors, DSPs, general
Undervoltage Lockout
purpose logic and analog.
Standard 1/8-Brick Footprint
Features include a remote On/Off control with
UL Safety Agency Approval
optional
logic
polarity,
an
undervoltage
lockout
(UVLO), a differential remote sense, and an industry
standard output voltage adjustment using an external
resistor.
Protection
features
include
output
overcurrent protection (OCP), overvoltage protection
(OVP), and thermal shutdown (OTP).
The modules are fully integrated for stand-alone
operation, and require no additional components.
STANDARD APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTEA420025P2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AD TI-PTEA404120N2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AS TI-PTEA404120N2AS Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AZ TI-PTEA404120N2AZ Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120P2AD TI-PTEA404120P2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
More results

Similar Description - PTEA420025P2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com