Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTEA420025N2AD Datasheet(PDF) 7 Page - Texas Instruments

Part # PTEA420025N2AD
Description  20-A, 48-V INPUT, ISOLATED, 1/8th BRICK DC-DC CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTEA420025N2AD Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTEA420025N2AD Datasheet HTML 3Page - Texas Instruments PTEA420025N2AD Datasheet HTML 4Page - Texas Instruments PTEA420025N2AD Datasheet HTML 5Page - Texas Instruments PTEA420025N2AD Datasheet HTML 6Page - Texas Instruments PTEA420025N2AD Datasheet HTML 7Page - Texas Instruments PTEA420025N2AD Datasheet HTML 8Page - Texas Instruments PTEA420025N2AD Datasheet HTML 9Page - Texas Instruments PTEA420025N2AD Datasheet HTML 10Page - Texas Instruments PTEA420025N2AD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
0
1
5
6
8
I
O - Output Current - A
3
2
4
7
V
O = 3.3 V
V
I (V)
36
48
60
75
0
10
15
20
5
36 V
60 V
75 V
48 V
0
0
2
4
6
8
12
I
O - Output Current - A
10
V
O = 3.3 V
36 V
60 V
75 V
48 V
10
15
20
5
V
I (V)
36
48
60
75
50
55
65
75
80
85
95
0
10
15
20
60
70
90
I
O - Output Current - A
36 V
48 V
60 V
75 V
V
I (V)
36
48
60
75
5
V
O = 3.3 V
20
30
50
60
80
90
I
O - Output Current - A
40
70
0
5
10
15
20
Natural
Convection
400 LFM
400 LFM
200 LFM
100 LFM
Nat conv
Airflow
V
O = 3.3 V
V
I = 48 V
200 LFM
100 LFM
PTEA420025, PTEA420033
www.ti.com
SLTS288C – JUNE 2007 – REVISED OCTOBER 2010
TYPICAL CHARACTERISTICS
PTEA420033, VO = 3.3 V (1) (2)
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
Figure 7.
AMBIENT TEMPERATURE
vs
LOAD CURRENT
Figure 8.
(1)
All data listed in Figure 5, Figure 6, and Figure 7 have been developed from actual products tested at 25°C. This data is considered
typical data for the dc-dc converter.
(2)
The temperature derating curves represent operating conditions at which internal components are at or below manufacturer's maximum
rated operating temperature. Derating limits apply to modules soldered directly to a 100–mm × 100–mm, double-sided PCB with 2 oz.
copper. For surface mount packages, multiple vias (plated through holes) are required to add thermal paths around the power pins.
Please refer to the mechanical specification for more information. Applies to Figure 8.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): PTEA420025 PTEA420033


Similar Part No. - PTEA420025N2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AD TI-PTEA404120N2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AS TI-PTEA404120N2AS Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120N2AZ TI-PTEA404120N2AZ Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PTEA404120P2AD TI-PTEA404120P2AD Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
More results

Similar Description - PTEA420025N2AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTEA415050 TI1-PTEA415050 Datasheet
314Kb / 14P
[Old version datasheet]   15-A, 48-V INPUT, 5-V OUTPUT, ISOLATED, 1/8th BRICK DC/DC CONVERTER
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4410 TI-PT4410 Datasheet
243Kb / 10P
[Old version datasheet]   100-Watt 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com