Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC74AQPWRG4Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC74AQPWRG4Q1
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC74AQPWRG4Q1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC74AQPWRG4Q1 Datasheet HTML 1Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 2Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 3Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 4Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 5Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 6Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 7Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 8Page - Texas Instruments SN74LVC74AQPWRG4Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74LVC74A-Q1
www.ti.com ...................................................................................................................................................... SCES481C – AUGUST 2003 – REVISED APRIL 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
D package
86
θ
JA
Package thermal impedance(4)
°C/W
PW package
113
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
Operating
2
3.6
VCC
Supply voltage
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2.7 V
–12
IOH
High-level output current
mA
VCC = 3 V
–24
VCC = 2.7 V
12
IOL
Low-level output current
mA
VCC = 3 V
24
Δt/Δv
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
Q suffix
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC74A-Q1


Similar Part No. - SN74LVC74AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC74AQPWREP TI1-SN74LVC74AQPWREP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results

Similar Description - SN74LVC74AQPWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC74-Q1 TI1-SN74HC74-Q1_15 Datasheet
828Kb / 14P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
74ACT11074 TI-74ACT11074 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74HC74-EP TI1-SN74HC74-EP Datasheet
600Kb / 12P
[Old version datasheet]   DUAL D-TYPE POSITIVE EDGE TRIGGERED FLIP-FLOP WITH CLEAR AND PRESET
SN74AHCT74-EP TI1-SN74AHCT74-EP Datasheet
434Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
74AC11074 TI-74AC11074 Datasheet
92Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
REVISED APRIL 1996
logo
Fairchild Semiconductor
DM74AS74 FAIRCHILD-DM74AS74 Datasheet
69Kb / 7P
   Dual D-Type Positive-Edge-Triggered Flip-Flop with Preset and Clear
logo
Texas Instruments
SN74LVC74 TI-SN74LVC74 Datasheet
84Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74LVC74A-EP TI1-SN74LVC74A-EP Datasheet
550Kb / 13P
[Old version datasheet]   DUAL POSITIVE EDGE TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ACT74-EP TI1-SN74ACT74-EP Datasheet
285Kb / 9P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
SN74ALVC74 TI-SN74ALVC74 Datasheet
127Kb / 8P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com