Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G00W-EP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G00W-EP
Description  DUAL 2-INPUT POSITIVE-NAND GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G00W-EP Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G00W-EP Datasheet HTML 1Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 2Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 3Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 4Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 5Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 6Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 7Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 8Page - Texas Instruments SN74LVC2G00W-EP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
1
2
7
1A
1B
1Y
5
6
3
2A
2B
2Y
Absolute Maximum Ratings
(1)
SN74LVC2G00W-EP
DUAL 2-INPUT POSITIVE-NAND GATE
SCES645 – SEPTEMBER 2005
FUNCTION TABLE
(EACH GATE)
INPUTS
OUTPUT
Y
A
B
H
H
L
L
X
H
X
L
H
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
θ
JA
Package thermal impedance(4)
DCT package
220
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2


Similar Part No. - SN74LVC2G00W-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
527Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00 Datasheet
1,001Kb / 24P
[Old version datasheet]   Dual 2-Input Positive-NAND Gate
SN74LVC2G00DCT3 TI1-SN74LVC2G00DCT3 Datasheet
1,001Kb / 24P
[Old version datasheet]   Dual 2-Input Positive-NAND Gate
SN74LVC2G00DCTR TI-SN74LVC2G00DCTR Datasheet
343Kb / 13P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NAND GATE
More results

Similar Description - SN74LVC2G00W-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS8003 TI-SN74AS8003 Datasheet
293Kb / 8P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI-SN74LVC2G00_09 Datasheet
527Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74LVC2G00 UTC-U74LVC2G00 Datasheet
161Kb / 6P
   DUAL 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AUC2G00 TI-SN74AUC2G00_07 Datasheet
517Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74LVC2G00 TI-SN74LVC2G00 Datasheet
343Kb / 13P
[Old version datasheet]   DUAL 2 INPUT POSITIVE NAND GATE
SN74LVC2G00 TI1-SN74LVC2G00_18 Datasheet
1,001Kb / 24P
[Old version datasheet]   Dual 2-Input Positive-NAND Gate
SN74AUC2G00 TI-SN74AUC2G00 Datasheet
259Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI1-SN74ALS8003A_08 Datasheet
92Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74ALS8003A TI-SN74ALS8003A Datasheet
69Kb / 4P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com