Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV595AQPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV595AQPWRQ1
Description  8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV595AQPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV595AQPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 9Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 10Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 11Page - Texas Instruments SN74LV595AQPWRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
SN74LV595A-Q1
SCLS539D – AUGUST 2003 – REVISED OCTOBER 2009
www.ti.com
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V, CL = 50 pF (unless otherwise noted)
TA = −40°C
TA = −40°C
TA = 25°C
FROM
TO
TO 85°C
TO 125°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
60
70
40
30
MHz
tPLH
11.2
17.2
1
19.3
1
22.3
ns
RCLK
QA−QH
tPHL
11.2
17.2
1
19.3
1
22.3
ns
tPLH
13.1
22.5
1
25.5
1
28.5
ns
SRCLK
QH'
tPHL
13.1
22.5
1
25.5
1
28.5
ns
tPHL
SRCLR
QH'
12.4
18.8
1
21.1
1
24.1
ns
tPZH
10.8
17
1
18.3
1
21.3
ns
OE
QA−QH
tPZL
13.4
21
1
23
1
26
ns
tPHZ
12.2
18.3
1
19.5
1
22.5
ns
OE
QA−QH
tPLZ
14
20.9
1
22.6
1
25.6
ns
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V, CL = 50 pF (unless otherwise noted)
TA = −40°C
TA = −40°C
TA = 25°C
FROM
TO
TO 85°C
TO 125°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
55
105
50
40
MHz
tPLH
7.9
15.4
1
17
1
20
ns
RCLK
QA−QH
tPHL
7.9
15.4
1
17
1
20
ns
tPLH
9.2
16.5
1
18.5
1
21.5
ns
SRCLK
QH'
tPHL
9.2
16.5
1
18.5
1
21.5
ns
tPHL
SRCLR
QH'
9
16.3
1
17.2
1
20.2
ns
tPZH
7.8
15
1
17
1
20
ns
OE
QA−QH
tPZL
9.6
15
1
17
1
20
ns
tPHZ
8.1
15.7
1
16.2
1
19.2
ns
OE
QA−QH
tPLZ
9.3
15.7
1
16.2
1
19.2
ns
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted)
TA = −40°C
TA = −40°C
TA = 25°C
FROM
TO
TO 85°C
TO 125°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
95
140
85
75
MHz
tPLH
5.6
9.4
1
10.5
1
13.5
ns
RCLK
QA−QH
tPHL
5.6
9.4
1
10.5
1
13.5
ns
tPLH
6.4
10.2
1
11.4
1
14.4
ns
SRCLK
QH'
tPHL
6.4
10.2
1
11.4
1
14.4
ns
tPHL
SRCLR
QH'
6.4
10
1
11.1
1
14.1
ns
tPZH
5.7
10.6
1
12
1
15
ns
OE
QA−QH
tPZL
6.8
10.6
1
12
1
15
ns
tPHZ
3.5
10.3
1
11
1
14
ns
OE
QA−QH
tPLZ
3.4
10.3
1
11
1
14
ns
8
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LV595A-Q1


Similar Part No. - SN74LV595AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV595AQPWRQ1 TI-SN74LV595AQPWRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   SN74LV595A-Q1 8-Bit Shift Registers With 3-State Output Registers
REVISED JUNE 2022
SN74LV595AQPWRQ1 TI-SN74LV595AQPWRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LV595A-Q1 8-Bit Shift Registers With 3-State Output Registers
REVISED NOVEMBER 2022
More results

Similar Description - SN74LV595AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
Texas Instruments
SN74LV595A-EP TI1-SN74LV595A-EP Datasheet
588Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN74AHC595-Q1 TI1-SN74AHC595-Q1 Datasheet
210Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595 TI-SN74HC595_10 Datasheet
809Kb / 26P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI1-SN54HC595_15 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com