Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48540CAD Datasheet(PDF) 8 Page - Texas Instruments

Part # PTB48540CAD
Description  10-W Power-Over-Ethernet Isolated Power Module Assembly
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48540CAD Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTB48540CAD Datasheet HTML 4Page - Texas Instruments PTB48540CAD Datasheet HTML 5Page - Texas Instruments PTB48540CAD Datasheet HTML 6Page - Texas Instruments PTB48540CAD Datasheet HTML 7Page - Texas Instruments PTB48540CAD Datasheet HTML 8Page - Texas Instruments PTB48540CAD Datasheet HTML 9Page - Texas Instruments PTB48540CAD Datasheet HTML 10Page - Texas Instruments PTB48540CAD Datasheet HTML 11Page - Texas Instruments PTB48540CAD Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Using the Output Inhibit Control with the
PTB48540 Power-over-Ethernet Modules
The PTB48540 Power-over-Ethernet (PoE) modules
incorporate all the necessary interface requirements to
provide 10 W of regulated DC voltage from a recognized
Power-over-Ethernet source.
One of the operating features of these modules allows
the output voltage to be turned off, thereby placing the
module in an idle state. This may be useful for applica-
tions that have an alternative voltage source available,
such as a wall adapter.
The “Output Inihibit” control is provided by pin 13. The
module functions normally with this pin open-circuit,
providing a regulated output voltage whenever a valid
source voltage is supplied from the Ethernet connection.
When a low voltage is applied to pin 13, with respect to
the “Input Ref” terminal (pin 4), the output is turned off.
Even though the Ethernet source is still present.
Figure 3-1 is an application schematic, which shows how
the “Output Inhibit” control may be used. Either a discrete
transistor (Q1), or a contact switch may be used. The
“Output Inhibit” control pin has its own internal pull-up
(See notes 2 & 3). Table 3-1 gives the threshold require-
ments.
When placed in the “Off” state, the standby current
drawn from the input source is typically reduced to 1 mA 3.
Table 3-1; Pin 13 Output Inhibit Control Parameters 1
Parameter
Min
Typ
Max
Enable (VIH)
4.5 V
Disable (VIL)
0.8 V
Vo/c [Open-Circuit]
5 V
Iin [pins 13 & 4 connnected]
–1 mA
Notes:
1. The Output Inhibit control uses Input Ref (pin 4) as its
0-V reference. All voltages specified are with respect to
the Input Ref pin.
2. Use an open-collector device (preferably a discrete
transistor or switch) for the Output Inhibit input. A
pull-up resistor is not necessary. To turn the output
off, the control pin should be pulled low to less than
0.8 VDC.
3. The module’s idle current is typically less than 1 mA.
This is below the minimum power signature (MPS)
current, required for the PoE source to continue providing
the PD with a source voltage. This will inevitably result
in the removal of the module’s input source. However,
the PSE will endevour to periodically re-apply input
power after detecting that the PD is still a valid device.
This cycle may be prevented by also modifying the
module’s ‘Detect’ signature resistance so that it reflects
an invalid device to the PSE.
Figure 3-1
Turn-On Time:
In the circuit of Figure 3-1, turning Q1 on
applies a low-voltage to pin 13 and disables the module
output. Correspondingly, turning Q1 off allows pin 13 to
be pulled high by an internal pull-up resistor. The module
produces a regulated output voltage within 60 ms. Figure
3-2 shows shows the output response of a PTB48540A
(5 V) following the turn-off of Q1. The turn off of Q1
corresponds to the drop in Q1 Vgs. Although the rise-time
of the output voltage is short (<5 ms), the indicated delay
time will vary depending upon the input voltage and the
module’s internal timing. The waveform was measured
with a 48 Vdc input voltage, and a 1.4 A resistive load.
Figure 3-2
Vo (2V/Div)
Iin (0.2A/Div)
Q1Vgs (10V/Div)
HORIZ SCALE: 10ms/Div
Delay Time
+48 V
0 V
1 =Output Off
Q
1
BSS138
+5 V
0 V
Alternate
On/Off
Contact/Switch
PTB48540A
10
Data Line B
9
Spare Line A
4
Spare Line B
8
Input Ref
7
A- Detect -B
A- Class -B
Output Inhibit
Data Line A
+V
OUT
Adjust
–V
OUT
3
2
1
5
6
12
11
13
PTB48540 Series
Not Recommended for New Designs


Similar Part No. - PTB48540CAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540CAD TI1-PTB48540CAD Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540CAD TI1-PTB48540CAD Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
More results

Similar Description - PTB48540CAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48540AAH TI1-PTB48540AAH_14 Datasheet
424Kb / 13P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI-PTB48540 Datasheet
433Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated Power Module Assembly
PTB48540 TI1-PTB48540_16 Datasheet
425Kb / 12P
[Old version datasheet]   10-W Power-Over-Ethernet Isolated
logo
STMicroelectronics
SPDCPOE12 STMICROELECTRONICS-SPDCPOE12 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE05 STMICROELECTRONICS-SPDCPOE05 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
SPDCPOE03 STMICROELECTRONICS-SPDCPOE03 Datasheet
198Kb / 6P
   Power over ethernet 10 W module
March 2009 Rev 1
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com