Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV221AQPWRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV221AQPWRQ1
Description  DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV221AQPWRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LV221AQPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 9Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 10Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 11Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
VCC
RT
CT
To Rext/Cext
Terminal
To Cext
Terminal
SN74LV221A-Q1
SCLS692A
– OCTOBER 2005 – REVISED APRIL 2008
www.ti.com
APPLICATION INFORMATION
Caution in Use
To prevent malfunctions due to noise, connect a high-frequency capacitor between VCC and GND, and keep the
wiring between the external components and Cext and Rext/Cext terminals as short as possible.
Power-Down Considerations
Large values of Cext can cause problems when powering down the SN74LV221A-Q1 because of the amount of
energy stored in the capacitor. When a system containing this device is powered down, the capacitor can
discharge from VCC through the protection diodes at pin 2 or pin 14. Current through the input protection diodes
must be limited to 30 mA; therefore, the turn-off time of the VCC power supply must not be faster than
t = VCC × Cext/30 mA. For example, if VCC = 5 V and Cext = 15 pF, the VCC supply must turn off no faster than
t = (5 V)
× (15 pF)/30 mA = 2.5 ns. Usually, this is not a problem because power supplies are heavily filtered and
cannot discharge at this rate. When a more rapid decrease of VCC to zero occurs, the SN74LV221A-Q1 can
sustain damage. To avoid this possibility, use external clamping diodes.
Output Pulse Duration
The output pulse duration, tw, is determined primarily by the values of the external capacitance (CT) and timing
resistance (RT). The timing components are connected as shown in Figure 2.
Figure 2. Timing-Component Connections
The pulse duration is given by:
tw = K × RT × CT
if CT is ≥ 1000 pF, K = 1.0
or
if CT is < 1000 pF, K can be determined from Figure 7
where:
tw = pulse duration in ns
RT = external timing resistance in kΩ
CT = external capacitancein pF
K = multiplier factor
(1)
Equation 1 and Figure 3 or Figure 4 can be used to determine values for pulse duration, external resistance, and
external capacitance.
8
Copyright
© 2005–2008, Texas Instruments Incorporated


Similar Part No. - SN74LV221AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221AD TI-SN74LV221AD Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - SN74LV221AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G123 TI-SN74LVC1G123 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221_08 Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com