Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV221AQPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV221AQPWRQ1
Description  DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV221AQPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV221AQPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74LV221AQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A
B
CLR
Q
Q
tw
tw
Rext/Cext
tw
SN74LV221A-Q1
www.ti.com
SCLS692A
– OCTOBER 2005 – REVISED APRIL 2008
INPUT/OUTPUT TIMING DIAGRAM
Absolute Maximum Ratings
(1)
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
VI
Input voltage range(2)
–0.5
7
V
VO
Output voltage range in high or low state(2) (3)
–0.5
VCC + 0.5
V
VO
Output voltage range in power-off state(2)
–0.5
7
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±50
mA
θJA
Package thermal impedance(4)
108
°C/W
Human-Body Model
2 (H2)
kV
ESD rating(5)
Charged-Device Model
1 (C5)
Machine Model
200 (M3)
V
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 5.5 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
(5)
ESD protection level per AEC Q100 classification
Copyright
© 2005–2008, Texas Instruments Incorporated
3


Similar Part No. - SN74LV221AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV221A TI-SN74LV221A Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
443Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
577Kb / 22P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221A TI-SN74LV221A Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LV221AD TI-SN74LV221AD Datasheet
436Kb / 19P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS
More results

Similar Description - SN74LV221AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123A-Q1 TI-SN74LV123A-Q1 Datasheet
163Kb / 10P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G123 TI-SN74LVC1G123 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN54LV221A TI-SN54LV221A_08 Datasheet
718Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Motorola, Inc
SN54LS221 MOTOROLA-SN54LS221 Datasheet
193Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74221J TI-SN74221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54221 TI-SN54221_08 Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com