Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB48520W Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTB48520W
Description  25-A, 48-V INPUT ISOLATED DC/DC CONVERTER WITH AUTO-TRACK??SEQUENCING
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTB48520W Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTB48520W Datasheet HTML 3Page - Texas Instruments PTB48520W Datasheet HTML 4Page - Texas Instruments PTB48520W Datasheet HTML 5Page - Texas Instruments PTB48520W Datasheet HTML 6Page - Texas Instruments PTB48520W Datasheet HTML 7Page - Texas Instruments PTB48520W Datasheet HTML 8Page - Texas Instruments PTB48520W Datasheet HTML 9Page - Texas Instruments PTB48520W Datasheet HTML 10Page - Texas Instruments PTB48520W Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
Overtemperature Protection
Undervoltage Lockout
Primary-Secondary Isolation
Output Voltage Adjustment
Rset + 6.49 kW
1.225 V
Vset * 1.805 V
* 4.42 kW
(1)
PTB48520W
SLTS233A–NOVEMBER 2004–REVISED APRIL 2005
APPLICATION INFORMATION (continued)
higher. Depending on the load conditions on the VO Seq output, the voltage at VO Bus maybeupto100 mV
higher than the converter set-point voltage. In addition, the Smart-Sense feature (incorporated into the converter)
only engages sense compensation to the VO Seq output when that output voltage is close to the set point. During
other conditions, such as power-up and power-down sequencing events, the sense circuit automatically defaults
to sensing the VO Bus voltage, internal to the converter.
Leaving the (+)Sense and (–)Sense pins open does not damage the converter or load circuitry. The converter
includes default circuitry that keeps the output voltage in regulation. If the remote sense feature is not used, the
(–)Sense pin should always be connected to VO COM.
Note: The remote sense feature is not designed to compensate for the forward drop of nonlinear or frequency
dependent components that may be placed in series with the converter output. Examples include OR-ing diodes,
filter inductors, ferrite beads, and fuses. When these components are enclosed by the sense pin connections,
they are effectively placed inside the regulation control loop, which can adversely affect the stability of the
converter.
Overtemperature protection is provided by an internal temperature sensor, which monitors the temperature of the
converter PCB (close to pin 1). If the PCB temperature exceeds a nominal 115°C, the converter shuts down. The
converter then automatically restarts when the sensed temperature falls to approximately 105°C. When operated
outside its recommended thermal derating envelope (see data sheet derating curves), the converter typcially
cycles on and off at intervals from a few seconds to one or two minutes. This is to ensure that the internal
components are not permanently damaged from excessive thermal stress.
The undervoltage lockout (UVLO) is designed to prevent the operation of the converter until the input voltage is
close to the minimum operating voltage. The converter is held off when the input voltage is below the UVLO
threshold, and turns on when the input voltage rises above the threshold. This prevents high start-up current
during normal power up of the converter, and minimizes the current drain from the input source during low input
voltage conditions. The converter meets full specifications when the minimum specified input voltage is reached.
The UVLO circuitry also overrides the operation of the VO Enable control. Only when the input voltage is above
the UVLO threshold is the VO Enable control functional.
These converters incorporate electrical isolation between the input terminals (primary) and the output terminals
(secondary). All converters are tested to a withstand voltage of 1500 VDC. This complies with UL/cUL 60950 and
EN 60950 and the requirements for operational isolation. It allows the converter to be configured for either a
positive or negative input voltage source. The data sheet Terminal Functions table provides guidance as to the
correct reference that must be used for the external control signals.
The VO Adjust control sets the output voltages to a value higher than 1.8 V. For output voltages other than 1.8 V
a single external resistor, R(set), must be connected directly between VO Adjust (pin 7) and (–)Sense (pin 6) pins.
A 0.05-W rated resistor can be used. The tolerance should be 1%, with a temperature stability of 100 ppm/°C (or
better). Place the resistor close to the converter and connect it directly between pins 7 and 6 using dedicated
PCB traces (see typical application). Table 1 gives the preferred value of the external resistor for a number of
standard voltages, along with the actual output voltage that this resistance value provides.
For other output voltages the value of the required adjust resistor may be calculated using Equation 1.
7


Similar Part No. - PTB48520W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48500 TI-PTB48500 Datasheet
411Kb / 14P
[Old version datasheet]   Dual-Output, 48-V Input Isolated DC/DC Converter for xDSL
PTB48500 TI-PTB48500 Datasheet
400Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500 Datasheet
580Kb / 18P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
PTB48500 TI1-PTB48500 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PTB48500A TI1-PTB48500A Datasheet
581Kb / 17P
[Old version datasheet]   DUAL-OUTPUT, 48-V INPUT ISOLATED DC/DC CONVERTER for xDSL
More results

Similar Description - PTB48520W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTB48560A TI-PTB48560A_15 Datasheet
782Kb / 29P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB48560A TI-PTB48560A Datasheet
798Kb / 28P
[Old version datasheet]   30-W, 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING
PTB78560A TI-PTB78560A Datasheet
975Kb / 29P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK SEQUENCING
PTB78560A TI-PTB78560A_15 Datasheet
592Kb / 27P
[Old version datasheet]   30-W, 24-V/48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK??SEQUENCING
PTB78520W TI1-PTB78520W Datasheet
653Kb / 15P
[Old version datasheet]   20-A, 18??0-V Input Auto-Track Compatible Isolated DC/DC Converter
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com