Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCU7204PWT Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HCU7204PWT
Description  DUAL INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCU7204PWT Datasheet(HTML) 2 Page - Texas Instruments

  SN74HCU7204PWT Datasheet HTML 1Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 2Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 3Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 4Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 5Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 6Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 7Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 8Page - Texas Instruments SN74HCU7204PWT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
SN74HCU7204
DUAL INVERTERS
SCLS700 – MAY 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
7
V
IIK
Input clamp current(2)
VI < 0 or VI > VCC
±20
mA
IOK
Output clamp current(2)
VO < 0 or VO > VCC
±20
mA
IO
Continuous output current
VO = 0 to VCC
±25
mA
Continuous current through VCC or GND
±50
mA
PS package
TBD
θ
JA
Package thermal impedance(3)
°C/W
PW package
TBD
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VCC = 2 V
1.7
VIH
High-level input voltage
VCC = 4.5 V
3.6
V
VCC = 6 V
4.8
VCC = 2 V
0.3
VIL
Low-level input voltage
VCC = 4.5 V
0.8
V
VCC = 6 V
1.1
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 4.5 V
–4
IOH
High-level output current
mA
VCC = 6 V
–5.2
VCC = 4.5 V
4
IOL
Low-level output current
mA
VCC = 6 V
5.2
VCC = 2 V
0
1000
tt
Transition time
VCC = 4.5 V
0
500
ns
VCC = 6 V
0
400
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
2
Submit Documentation Feedback


Similar Part No. - SN74HCU7204PWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCU04 TI-SN74HCU04 Datasheet
454Kb / 14P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
591Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
585Kb / 16P
[Old version datasheet]   HEX INVERTERS
SN74HCU04 TI-SN74HCU04 Datasheet
681Kb / 18P
[Old version datasheet]   HEX INVERTERS
SN74HCU04D TI-SN74HCU04D Datasheet
454Kb / 14P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN74HCU7204PWT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP2G04 DIODES-74AUP2G04 Datasheet
426Kb / 12P
   DUAL INVERTERS
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
   DUAL SCHMITT TRIGGER INVERTERS
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
   DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com