Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HCT244QPWRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCT244QPWRQ1
Description  OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCT244QPWRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCT244QPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74HCT244QPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74HCT244QPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74HCT244QPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74HCT244QPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74HCT244QPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74HCT244QPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74HCT244QPWRQ1 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74HCT244Q1
OCTAL BUFFER AND LINE DRIVER
WITH 3STATE OUTPUTS
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.3 V
10%
90%
3 V
≈VCC
VOL
0 V
Output
Control
(Low-Level
Enabling)
Output
Waveform 1
(See Note B)
1.3 V
tPZL
tPLZ
VOH
≈0 V
1.3 V
1.3 V
tPZH
tPHZ
Output
Waveform 2
(See Note B)
From Output
Under Test
RL
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
CL
tPZH
tpd or tt
tdis
ten
tPZL
tPHZ
tPLZ
1 k
1 k
50 pF
or
150 pF
50 pF
Open
Closed
RL
S1
Closed
Open
S2
Open
Closed
Closed
Open
50 pF
or
150 pF
Open
Open
−−
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
CL
(see Note A)
Test
Point
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
1.3 V
1.3 V
0.3 V
0.3 V
2.7 V
2.7 V
3 V
0 V
tr
tf
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT RISE AND FALL TIMES
1.3 V
1.3 V
1.3 V
10%
10%
90%
90%
3 V
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
1.3 V
tPLH
tPHL
1.3 V
1.3 V
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-
Phase
Output
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES FOR 3-STATE OUTPUTS
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HCT244QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCT244QPWREP TI1-SN74HCT244QPWREP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HCT244QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS541 FAIRCHILD-DM74ALS541 Datasheet
62Kb / 6P
   Octal Buffer and Line Driver with 3-STATE Outputs
logo
Texas Instruments
SN74HCT244-EP TI1-SN74HCT244-EP Datasheet
499Kb / 10P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-EP TI1-SN74HC244-EP Datasheet
608Kb / 14P
[Old version datasheet]    OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74HC244-Q1 TI1-SN74HC244-Q1 Datasheet
278Kb / 11P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
SN74ALS1240 TI1-SN74ALS1240 Datasheet
95Kb / 5P
[Old version datasheet]   OCTAL BUFFER AND LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com