Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8123N Datasheet(PDF) 7 Page - Texas Instruments

Part # PT8123N
Description  30-A 12-V Input Programmable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT8123N Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT8123N Datasheet HTML 3Page - Texas Instruments PT8123N Datasheet HTML 4Page - Texas Instruments PT8123N Datasheet HTML 5Page - Texas Instruments PT8123N Datasheet HTML 6Page - Texas Instruments PT8123N Datasheet HTML 7Page - Texas Instruments PT8123N Datasheet HTML 8Page - Texas Instruments PT8123N Datasheet HTML 9Page - Texas Instruments PT8123N Datasheet HTML 10Page - Texas Instruments PT8123N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT8120 Series & PT8139
Capacitor Recommendations for the
PT8120 Series of Programmable ISRs
Input Capacitors
The recommended input capacitor(s) is determined by
1.6 Arms minimum ripple current rating and 1,500µF
minimum capacitance. Ripple current and Equivalent
Series Resistance (ESR) values are the major considerations
along with temperature when selecting the proper capaci-
tor. The tantalum capacitors listed below cannot be used
on the input bus since they are not rated for 12V operation.
Output Capacitors
The minimum required output capacitance is 660µF
(organic/polymer), or 1,200 (aluminum electrolytic) with
a maximum ESR less than or equal to 50m
Ω. Failure to
observe this requirement may lead to regulator instabil-
ity or oscillation. Electrolytic capacitors have poor ripple
performance at frequencies greater than 400kHz, but
excellent low frequency transient response. Above the
ripple frequency ceramic decoupling capacitors are nec-
essary to improve the transient response and reduce any
microprocessor high frequency noise components apparent
during higher current excursions. Preferred low ESR type
capacitor part numbers are identified in the Table 1 below.
/
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
)
F
µ
(
e
u
l
a
Vt
n
e
l
a
v
i
u
q
E
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
m
u
m
i
x
a
M
C
°
5
0
1
e
l
p
p
i
R
)
s
m
r
I
(
t
n
e
r
r
u
C
l
a
c
i
s
y
h
P
)
m
m
(
e
z
i
S
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
)
t
n
u
o
M
e
c
a
f
r
u
S
(
K
F
/
C
F
V
5
3
V
5
2
V
6
1
V
5
2
V
6
1
0
0
5
1
0
0
5
1
0
0
7
4
0
0
2
2
0
0
2
2
8
2
0
.
0
9
2
0
.
0
3
3
0
.
0
8
2
0
.
0
8
3
0
.
0
A
m
0
9
4
2
A
m
5
0
2
2
A
m
0
6
0
2
A
m
0
9
4
2
A
m
0
0
0
2
8
1
× 0
2
6
1
× 0
2
8
1
× 5
.
6
1
8
1
× 5
.
1
2
8
1
× 5
.
6
1
1
1
1
1
2
1
1
1
1
1
S
2
5
1
V
1
C
F
U
E
E
S
2
5
1
E
1
C
F
U
E
E
M
2
7
4
C
1
K
F
V
E
E
N
2
2
2
E
1
C
F
V
E
E
N
2
2
2
C
1
C
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
s
e
i
r
e
S
Z
X
L
V
5
3
V
5
2
V
6
1
0
0
8
1
0
0
8
1
0
0
7
2
8
2
0
.
0
9
2
0
.
0
9
2
0
.
0
A
m
0
9
4
2
A
m
0
1
2
2
A
m
0
1
2
2
8
1
× 0
2
6
1
× 0
2
6
1
× 0
2
1
1
1
1
1
1
L
L
0
2
X
8
1
M
2
8
1
B
V
5
3
Z
X
L
L
L
0
2
X
6
1
M
2
8
1
B
V
5
2
Z
X
L
L
L
0
2
X
6
1
M
2
7
2
B
V
6
1
Z
X
L
n
o
c
i
h
c
i
N
s
e
i
r
e
S
W
P
s
e
i
r
e
S
M
P
V
5
2
V
5
2
V
5
2
0
0
0
1
0
0
8
1
0
0
5
1
8
3
0
.
0
÷2Ω
9
2
0
.
0
4
3
0
.
0
A
m
0
0
2
3
A
m
5
0
2
2
A
m
0
7
7
1
0
2
x
5
.
2
1
0
2
x
6
1
6
1
× 0
2
2
1
1
1
1
1
H
H
M
2
0
1
E
1
W
P
U
6
H
H
M
2
8
1
E
1
W
P
U
6
H
H
M
2
5
1
E
1
M
P
U
)
c
i
n
a
g
r
O
(
:
n
o
c
-
s
O
S
S
)
t
n
u
o
M
e
c
a
f
r
u
S
(
V
S
V
0
1
V
0
1
0
3
3
0
3
3
5
2
0
.
0
0
2
0
.
0
A
m
0
0
5
3
A
m
0
0
8
3
0
1
× 5
.
0
1
3
.
0
1
× 3
.
0
1
)
1
(
R
/
N
)
1
(
R
/
N
2
2
V
(
M
0
3
3
S
S
0
1
o
)
V
6
<
V
(
0
3
3
V
S
0
1
o
)
V
6
<
m
u
l
a
t
n
a
T
X
V
A
)
t
n
u
o
M
e
c
a
f
r
u
S
(
S
P
T
V
0
1
V
0
1
0
3
3
0
3
3
1
.
0
÷
5
0
.
0
=
2
6
0
.
0
÷
3
0
.
0
=
2
A
m
0
0
5
2
>
A
m
0
0
0
3
>
L
3
.
7
× W
7
.
5
× H
1
.
4
)
1
(
R
/
N
)
1
(
R
/
N
2
2
V
(
0
0
1
0
R
0
1
0
M
7
3
3
E
S
P
T
o
)
V
5
<
V
(
0
6
0
0
R
0
1
0
M
7
3
3
V
S
P
T
o
)
V
5
<
t
e
m
e
K
m
u
l
a
t
n
a
T
/
r
e
m
y
l
o
P
s
e
i
r
e
S
0
2
5
T
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
1
V
0
1
0
3
3
0
3
3
0
4
0
.
0
÷2Ω
0
4
0
.
0
÷2Ω
A
m
0
0
8
1
A
m
0
0
8
1
>
W
3
.
4
× L
3
.
7
× H
0
.
4
)
1
(
R
/
N
)
1
(
R
/
N
2
2
V
(
S
A
0
1
0
M
7
3
3
X
0
2
5
T
o
)
V
6
<
V
(
S
A
6
0
0
M
0
3
3
D
0
2
5
T
o
)
V
4
<
m
u
l
a
t
n
a
T
e
u
g
a
r
p
S
s
e
i
r
e
S
D
4
9
5
(t
n
u
o
M
e
c
a
f
r
u
S)
V
0
10
3
35
4
0
.
0
÷2Ω
A
m
0
6
3
2L
2
.
7
× W
6
× H
1
.
4
)
1
(
R
/
N2
V
(
T
2
R
0
1
0
0
X
7
3
3
D
4
9
5
o
)
V
5
<
Note: (N/R -Not recommended) The 10V-rated tantalum capacitors cannot be used on the input bus.
Table 1 Capacitors Characteristic Data
Tantalum Characteristics
Tantalum capacitors are recommended on the output bus
but only AVX TPS Series, Sprague 593D/594/595 Series,
or Kemet T495/T510,520 Series. These capacitors are
recommended over other types due to their higher surge
current, excellent power dissipation and ripple current
ratings. As a caution, the TAJ Series by AVX is not rec-
ommended. This series exhibits considerably higher ESR,
reduced power dissipation and lower ripple current capa-
bility. The TAJ Series is also less reliable compared to the
TPS series when determining power dissipation capability.
Capacitor Table
Table 1 identifies the characteristics of capacitors from a
number of vendors with acceptable ESR and ripple current
(rms) ratings. The suggested minimum quantities per
regulator for both the input and output buses are identified.
This is not an extensive capacitor list. Capacitors from
other vendors are available with comparable specifications.
Those listed are for guidance. The RMS ripple current rating
and ESR (Equivalent Series Resistance at 100kHz) are the
critical parameters are necessary to insure both optimum
regulator performance and long capacitor life.


Similar Part No. - PT8123N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8123 TI-PT8123 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
More results

Similar Description - PT8123N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com