Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC151QDRG4Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC151QDRG4Q1
Description  8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC151QDRG4Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC151QDRG4Q1 Datasheet HTML 1Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 2Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 3Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 4Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 5Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 6Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 7Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 8Page - Texas Instruments SN74HC151QDRG4Q1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
D3
D2
D1
D0
Y
W
G
GND
VCC
D4
D5
D6
D7
A
B
C
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74HC151-Q1
www.ti.com............................................................................................................................................................. SCLS701B – JUNE 2006 – REVISED APRIL 2008
8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
• Qualified for Automotive Applications
• Wide Operating Voltage Range of 2 V to 6 V
• Outputs Can Drive up to 10 LSTTL Loads
• ±6-mA Output Drive at 5 V
• Low Input Current of 1 µA Max
• 8-Line to 1-Line Multiplexers Can Perform as:
Boolean-Function Generators
Parallel-to-Serial Converters
Data Source Selectors
This data selector/multiplexer provides full binary decoding to select one of eight data sources. The strobe (G)
input must be at a low logic level to enable the inputs. A high level at the strobe terminal forces the W output
high and the Y output low.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 125°C
SOIC – D
Reel of 2500
SN74HC151QDRQ1
HC151Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
FUNCTION TABLE
INPUTS
OUTPUTS(1)
SELECT
STROBE
Y
W
G
C
B
A
X
X
X
H
L
H
L
L
L
L
D0
D0
L
L
H
L
D1
D1
L
H
L
L
D2
D2
L
H
H
L
D3
D3
H
L
L
L
D4
D4
H
L
H
L
D5
D5
H
H
L
L
D6
D6
H
H
H
L
D7
D7
(1)
D0, D1 . . . D7 = the level of the respective D input
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74HC151QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC151 TI-SN74HC151 Datasheet
450Kb / 15P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC151 TI1-SN74HC151 Datasheet
1Mb / 20P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC151D TI-SN74HC151D Datasheet
450Kb / 15P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC151D TI1-SN74HC151D Datasheet
1Mb / 20P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74HC151QDRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
logo
Texas Instruments
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com