Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC139-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC139-Q1
Description  DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC139-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC139-Q1 Datasheet HTML 1Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 2Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC139-Q1 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN74HC139-Q1
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SCLS598B − NOVEMBER 2004 – REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Targeted Specifically for High-Speed
Memory Decoders and Data-Transmission
Systems
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive up to Ten LSTTL Loads
D Low Power Consumption, 80-µA Max I
CC
D Typical t
pd = 10 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Incorporate Two Enable Inputs to Simplify
Cascading and/or Data Reception
D ESD Protection Level per AEC-Q100
Classification
− 2000-V (H2) Human-Body Model
− 200-V (M3) Machine Model
− 1000-V (C5) Charged-Device Model
description/ordering information
The
SN74HC139
device
is
designed
for
high-performance memory-decoding or data-routing
applications requiring very short propagation delay
times. In high-performance memory systems, this
decoder can minimize the effects of system
decoding.
When
employed
with
high-speed
memories utilizing a fast enable circuit, the delay time
of this decoder and the enable time of the memory
usually are less than the typical access time of the
memory. This means that the effective system delay
introduced by the decoder is negligible.
The SN74HC139 device comprises two individual 2-line to 4-line decoders in a single package. The active-low
enable (G) input can be used as a data line in demultiplexing applications. This decoder/demultiplexer features
fully buffered inputs, each of which represents only one normalized load to its driving circuit.
ORDERING INFORMATION{
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
40
°C to 125°C
SOIC − D
Reel of 2500
SN74HC139QDRQ1
HC139Q
−40
°C to 125°C
TSSOP − PW
Reel of 2000
SN74HC139QPWRQ1
HC139Q
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
INPUTS
OUTPUTS
G
SELECT
OUTPUTS
G
B
A
Y0
Y1
Y2
Y3
H
X
X
H
H
H
H
L
L
LL
HH
H
L
L
HH
LH
H
L
H
LH
HLH
L
H
H
H
H
H
L
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1G
1A
1B
1Y0
1Y1
1Y2
1Y3
GND
VCC
2G
2A
2B
2Y0
2Y1
2Y2
2Y3
D OR PW PACKAGE
(TOP VIEW)
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74HC139-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC139-Q1 TI1-SN74HC139-Q1 Datasheet
914Kb / 22P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74HC139-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A Datasheet
346Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
74ACT11139 TI1-74ACT11139_15 Datasheet
892Kb / 15P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_08 Datasheet
856Kb / 20P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A-Q1 TI1-SN74LVC139A-Q1 Datasheet
236Kb / 10P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com