Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F382N Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74F382N
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F382N Datasheet(HTML) 7 Page - Texas Instruments

  SN74F382N Datasheet HTML 1Page - Texas Instruments SN74F382N Datasheet HTML 2Page - Texas Instruments SN74F382N Datasheet HTML 3Page - Texas Instruments SN74F382N Datasheet HTML 4Page - Texas Instruments SN74F382N Datasheet HTML 5Page - Texas Instruments SN74F382N Datasheet HTML 6Page - Texas Instruments SN74F382N Datasheet HTML 7Page - Texas Instruments SN74F382N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74F382N
OBSOLETE
PDIP
N
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
18-Sep-2008
Addendum-Page 1


Similar Part No. - SN74F382N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F38 TI-SN74F38 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74F38 TI1-SN74F38 Datasheet
84Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74F38D TI-SN74F38D Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN74F38DG4 TI1-SN74F38DG4 Datasheet
84Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
SN74F38DR TI1-SN74F38DR Datasheet
84Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND BUFFERS
More results

Similar Description - SN74F382N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
74ACT11181 TI1-74ACT11181 Datasheet
217Kb / 14P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74S381 NSC-DM74S381 Datasheet
113Kb / 4P
   DM74S381 ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
ON Semiconductor
MC10H181 ONSEMI-MC10H181_06 Datasheet
194Kb / 6P
   4?묪it Arithmetic Logic Unit/ Function Generator
June, 2006 ??Rev. 8
MC10H181 ONSEMI-MC10H181 Datasheet
190Kb / 8P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
March, 2000 ??Rev. 7
logo
Motorola, Inc
MC10181 MOTOROLA-MC10181 Datasheet
124Kb / 6P
   4-Bit Arithmetic Logic Unit/Function Generator
logo
List of Unclassifed Man...
10190 ETC1-10190 Datasheet
129Kb / 2P
   4-BIT ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
NXP Semiconductors
74F382 PHILIPS-74F382 Datasheet
121Kb / 12P
   Arithmetic Logic Unit
1990 Jul 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com