Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7711 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT7711
Description  20-A Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7711 Datasheet(HTML) 5 Page - Texas Instruments

  PT7711 Datasheet HTML 1Page - Texas Instruments PT7711 Datasheet HTML 2Page - Texas Instruments PT7711 Datasheet HTML 3Page - Texas Instruments PT7711 Datasheet HTML 4Page - Texas Instruments PT7711 Datasheet HTML 5Page - Texas Instruments PT7711 Datasheet HTML 6Page - Texas Instruments PT7711 Datasheet HTML 7Page - Texas Instruments PT7711 Datasheet HTML 8Page - Texas Instruments PT7711 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes
Increasing the Output of the PT7710 Family of
ISRs with a 20-A Compatible Current Booster
The output of PT7710 family of regulators (PT7711–
PT7716) can produce an additional 20-A output using a
compatible current booster module. Two booster modules
are available. They are the PT7744 and PT7745, which
are compatible with regulators that operate off 3.3-V
or 5-V input buses respectively. Refer to Table 2-1 for
regulator/booster compatiblity.
The booster modules are controlled directly by the regu-
lator and effectively add a parallel output stage. They
operate sychronously, to provide a low-noise solution.
Up to two booster modules can be connected to a PT771x
regulator. Each booster added increases the regulator’s
output current by 20A, for up to 60A of output current.
Current boosters are not stand-alone products, and can
only operate with a regulator. They are housed in the same
package as the regulator, and share the same mechanical
outline. Except for an increase in output current, the
overall performance of a regulator/booster combination
is identical to that of a stand-alone regulator. For more
details refer to the applicable regulator specifications.
PT7710 Series, PT7744, PT7745
Figure 1-1; Current Booster Application Schematic
C
IN
+
C
OUT
+
LOAD
V
IN
VID0
VID1
VID2
VID3
V
OUT
GND
GND
STBY*
L
IN
1µH
REMOTE SENSE (–)
REMOTE SENSE (+)
PROGRAMMING PINS
C
IN
+
L
IN
1µH
PT7744/45
Booster
20-25
13-19
27
7-11
V
O
V
IN
GND
Synch In
VID4
C
OUT
+
PT771x
64
321
26
20-25
12
5
13-19
27
7-11
V
O
V
IN
GND
SNS(+)
SNS(-)
Synch
Out
STBY
VID4 - VID0
Table 2-2; Booster Pin-Out Information
Pin Function
Pin Function
Pin Function
1
No Connect
10 Vin
19 GND
2
No Connect
11 Vin
20 Vout
3
No Connect
12 No Connect
21 Vout
4
No Connect
13 GND
22 Vout
5
No Connect
14 GND
23 Vout
6
No Connect
15 GND
24 Vout
7Vin
16 GND
25 Vout
8Vin
17 GND
26 No Connect
9Vin
18 GND
27 Sync In
Notes:
1. Each booster requires the same amount of input and
output capacitance as recommended for a stand-alone
regulator. Consult the individual data sheet of the
applicable regulator, and the related application note
regarding capacitor selection for this product family.
2. The 1-µH filter choke located at the input of each
regulator and booster module (Lin) is optional for most
applications. If specified, each inductor must be sized
to handle 20ADC at full output load.
3. The pin-out of the current booster modules include a
number pins identified, “No Connect” (see Table 2-2).
These pins are not connected internally to the module
but must be soldered to a pad to preserve the unit’s
mechanical integrity.
4. A similar PCB footprint and trace layout between the
regulator and each booster will facilitate current sharing
between all modules.
Table 2-1; Booster Compatibility
P7744 Booster
PT7745 Booster
Regulator
(3.3V Input Bus)
(5V Input Bus)
PT7711
PT7712
PT7713
PT7714
PT7715
PT7716


Similar Part No. - PT7711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7711 TI1-PT7711 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7711A TI-PT7711A Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7711C TI-PT7711C Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7711N TI-PT7711N Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7716 TI1-PT7716 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7615 TI-PT7615 Datasheet
172Kb / 7P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
PT6722 TI-PT6722 Datasheet
166Kb / 7P
[Old version datasheet]   14-A Low-Voltage Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com