Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7713N Datasheet(PDF) 8 Page - Texas Instruments

Part # PT7713N
Description  20-A Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7713N Datasheet(HTML) 8 Page - Texas Instruments

  PT7713N Datasheet HTML 1Page - Texas Instruments PT7713N Datasheet HTML 2Page - Texas Instruments PT7713N Datasheet HTML 3Page - Texas Instruments PT7713N Datasheet HTML 4Page - Texas Instruments PT7713N Datasheet HTML 5Page - Texas Instruments PT7713N Datasheet HTML 6Page - Texas Instruments PT7713N Datasheet HTML 7Page - Texas Instruments PT7713N Datasheet HTML 8Page - Texas Instruments PT7713N Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT7713A
NRND
SIP MOD
ULE
ENF
27
10
TBD
Call TI
Level-1-215C-UNLIM
PT7713C
NRND
SIP MOD
ULE
ENG
27
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Aug-2008
Addendum-Page 1


Similar Part No. - PT7713N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7713 TI1-PT7713 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
More results

Similar Description - PT7713N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7716 TI1-PT7716 Datasheet
193Kb / 9P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7615 TI-PT7615 Datasheet
172Kb / 7P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
PT6722 TI-PT6722 Datasheet
166Kb / 7P
[Old version datasheet]   14-A Low-Voltage Programmable Integrated Switching Regulator
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com