Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F323N Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F323N
Description  8-BIT UNIVERSAL SHIFT-STORAGE REGISTER WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F323N Datasheet(HTML) 3 Page - Texas Instruments

  SN74F323N Datasheet HTML 1Page - Texas Instruments SN74F323N Datasheet HTML 2Page - Texas Instruments SN74F323N Datasheet HTML 3Page - Texas Instruments SN74F323N Datasheet HTML 4Page - Texas Instruments SN74F323N Datasheet HTML 5Page - Texas Instruments SN74F323N Datasheet HTML 6Page - Texas Instruments SN74F323N Datasheet HTML 7Page - Texas Instruments SN74F323N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74F323
8BIT UNIVERSAL SHIFT STORAGE REGISTER
WITH SYNCHRONOUS CLEAR AND 3STATE OUTPUTS
SDFS072A − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic diagram (positive logic)
C1
1D
C1
1D
Six
Identical
Channels
Not
Shown†
9
1
19
11
12
8
2
3
18
17
CLR
S0
S1
SR
(shift right
serial input)
CLK
QA′
OE1
OE2
SL
(shift left
serial input)
QH′
716
A/QA
H/QH
† I/O ports not shown: B/QB (13), C/QC (6), D/QD (14), E/QE (5), F/QF (15), and G/QG (4).
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
−30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state: QA′ or QH′
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
QA thru QH
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.


Similar Part No. - SN74F323N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F32 TI-SN74F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74F32 TI1-SN74F32 Datasheet
1,009Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74F32D TI-SN74F32D Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74F32D TI1-SN74F32D Datasheet
1,009Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74F32DG4 TI1-SN74F32DG4 Datasheet
1,009Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74F323N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
logo
Motorola, Inc
SN54LS323 MOTOROLA-SN54LS323 Datasheet
143Kb / 5P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Motorola, Inc
SN54LS299 MOTOROLA-SN54LS299 Datasheet
255Kb / 7P
   8-BIT SHIFT/STORAGE REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
   3-STATE 8-Bit Universal Shift/Storage Register
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com