Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT29846 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74BCT29846
Description  8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT29846 Datasheet(HTML) 4 Page - Texas Instruments

  SN74BCT29846 Datasheet HTML 1Page - Texas Instruments SN74BCT29846 Datasheet HTML 2Page - Texas Instruments SN74BCT29846 Datasheet HTML 3Page - Texas Instruments SN74BCT29846 Datasheet HTML 4Page - Texas Instruments SN74BCT29846 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN74BCT29846
8BIT BUSINTERFACE DTYPE LATCH
WITH 3STATE OUTPUTS
SCBS023C − MARCH 1989 − REVISED APRIL 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
MIN
MAX
UNIT
PRE low
7
tw
Pulse duration
CLR low
5
ns
tw
Pulse duration
LE high
4
ns
tsu
Setup time before LE
Data
1.5
ns
tsu
Setup time before LE
PRE or CLR, inactive state
2
ns
th
Hold time, data after LE
3.5
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
D
Any Q
1.5
5.7
8
1.5
9
ns
tPHL
D
Any Q
1.5
4.5
7
1.5
8
ns
tPLH
LE
Any Q
1.5
6
8
1.5
10
ns
tPHL
LE
Any Q
1.5
6
8
1.5
10
ns
tPLH
PRE
Any Q
1.5
6
11
1.5
12
ns
tPHL
PRE
Any Q
1.5
6
11
1.5
12
ns
tPLH
CLR
Any Q
1.5
6
11
1.5
12
ns
tPHL
CLR
Any Q
1.5
6
11
1.5
12
ns
tPZH
OE
Any Q
2
10
13
2
15
ns
tPZL
OE
Any Q
2
10
13
2
15
ns
tPHZ
OE
Any Q
2
6
8
2
10
ns
tPLZ
OE
Any Q
2
6
8
2
10
ns
NOTE 1: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT29846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI1-SN74BCT29841 Datasheet
89Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841NT TI1-SN74BCT29841NT Datasheet
89Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29843 TI-SN74BCT29843 Datasheet
72Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29843DW TI-SN74BCT29843DW Datasheet
72Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT29846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS845 TI1-SN74ALS845_11 Datasheet
223Kb / 9P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS845 TI-SN74ALS845 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI-SN74ALS843 Datasheet
90Kb / 6P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI-SN74LVC841A Datasheet
136Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALS843 TI1-SN74ALS843_15 Datasheet
479Kb / 11P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74BCT29843 TI-SN74BCT29843 Datasheet
72Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVC16843 TI-SN74ALVC16843 Datasheet
231Kb / 4P
[Old version datasheet]   16-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16841 TI1-SN74ALVCH16841_08 Datasheet
348Kb / 15P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC841A TI1-SN74LVC841A_16 Datasheet
843Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC843A TI-SN74LVC843A Datasheet
150Kb / 10P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com