Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1737R Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1737R
Description  AFM Stereo Signal Processor for 8 mm VCR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1737R Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1737R Datasheet HTML 7Page - Sony Corporation CXA1737R Datasheet HTML 8Page - Sony Corporation CXA1737R Datasheet HTML 9Page - Sony Corporation CXA1737R Datasheet HTML 10Page - Sony Corporation CXA1737R Datasheet HTML 11Page - Sony Corporation CXA1737R Datasheet HTML 12Page - Sony Corporation CXA1737R Datasheet HTML 13Page - Sony Corporation CXA1737R Datasheet HTML 14Page - Sony Corporation CXA1737R Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
– 11 –
CXA1737R
Pin
No.
Symbol
Equivalent circuit
Description
DC
AC
32
MATRIX CTL
MATRIX control input pin
during parallel mode.
OUTPUT SEL control input
pin during parallel mode.
——
Pin voltage
147
50k
32
10µ
VCC1
GND
1V
1.5V
50k
2V
10µ
33
OUTSEL CTL
(P.SAVE)
——
147
50k
10µ
VCC2
GND
1V
1.5V
50k
2V
10µ
33
4V
10µ
BPF OFF
P.SEVE
CTL SW
34
PLLLPF L
PLL time constant pin. Since
this pin has a small attraction
and discharge current,
signals should be received
with high impedance when
monitoring this pin. Also, be
careful not to cause pin cross
talk.
1.75V
0.08µ
0.08µ
1k
VCC2
GND
25k
34
36
DEVADJ L
Deviation adjusting pin.
The variable width is from
0 to Vcc.
See
Graph 3.
VCC1
GND
60k
20µ
50k
47k
3k
36
35
NC
——
Pin 33
L (0 to 0.7V)
M (1.3 to 1.7V)
or OPEN
H (2.3 to 3.5V)
H2 (4.3V to VCCH)
Lch/ Rch
Lch/ Rch (Main)
Lch/ Rch (SUB)
Power save
1.5M BPF through
Mode
Pin 32
During parallel
PB
During
serial
L (0 to 0.7V)
M (1.3 to 1.7V)
or OPEN
H (2.3V to VCC)
MONO
STEREO
STEREO
Bilingual/
MONO Auto
STEREO/
MONO Auto
STEREO
REC
MONO
REC


Similar Part No. - CXA1737R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1733 SONY-CXA1733 Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733 SONY-CXA1733 Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733M SONY-CXA1733M Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733N SONY-CXA1733N Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733N-1 SONY-CXA1733N-1 Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
More results

Similar Description - CXA1737R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
   8 mm VCR AFM SIGNAL PROCESSOR
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
   AFM Monaural Signal Processor for 8 mm VCR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
logo
Panasonic Semiconductor
AN3986FBP PANASONIC-AN3986FBP Datasheet
179Kb / 14P
   Stereo Audio Signal Processor ICs for 8-mm Camcorder
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
   Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com