Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT979DLR Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74BCT979DLR
Description  9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT979DLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74BCT979DLR Datasheet HTML 2Page - Texas Instruments SN74BCT979DLR Datasheet HTML 3Page - Texas Instruments SN74BCT979DLR Datasheet HTML 4Page - Texas Instruments SN74BCT979DLR Datasheet HTML 5Page - Texas Instruments SN74BCT979DLR Datasheet HTML 6Page - Texas Instruments SN74BCT979DLR Datasheet HTML 7Page - Texas Instruments SN74BCT979DLR Datasheet HTML 8Page - Texas Instruments SN74BCT979DLR Datasheet HTML 9Page - Texas Instruments SN74BCT979DLR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN74BCT979
9BIT REGISTERED BTL TRANSCEIVER
WITH PARITY GENERATOR/CHECKER
SCBS115A − OCTOBER 1990 − REVISED NOVEMBER 1993
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 3) (continued)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
LEAB
B
1.6
7.6
9.5
1.6
11.6
ns
tPHL
LEAB
B
2.7
8.1
10
2.7
11.7
ns
tPLH
LEAB
BPAR
2.3
7.3
9.2
2.3
10.8
ns
tPHL
LEAB
BPAR
(parity feed through)
4.6
9.3
11
4.6
13.3
ns
tPLH
LEAB
BPAR
4.7
10.7
13
4.7
16.2
ns
tPHL
LEAB
BPAR
(parity generated)
6.2
11.5
13.4
6.2
16
ns
tPLH
LEAB
ERRA
3.3
8.6
10.7
3.3
12.8
ns
tPHL
LEAB
ERRA
4.7
9.8
12
4.7
13.7
ns
tPLH
LEBA
AO
1.3
6.5
8.5
1.3
10
ns
tPHL
LEBA
AO
1.4
5.9
7.6
1.4
8.5
ns
tPLH
LEBA
APARO
1.7
5.9
7.7
1.7
9.1
ns
tPHL
LEBA
APARO
(parity feed through)
1.9
6
7.8
1.9
9
ns
tPLH
LEBA
APARO
3.5
9.3
11.5
3.5
14.1
ns
tPHL
LEBA
APARO
(parity generated)
3.1
8.2
10.3
3.1
12.2
ns
tPLH
LEBA
ERRB
3.4
8.7
10.8
3.4
12.7
ns
tPHL
LEBA
ERRB
4.6
9
11
4.6
12.5
ns
tPLH
OEAB
B
1.5
5.5
7
1.5
7.9
ns
tPHL
OEAB
B
4.9
10.4
12.1
4.9
14.1
ns
tPLH
OEAB
BPAR
1.4
5.4
6.9
1.4
7.8
ns
tPHL
OEAB
BPAR
4.8
10.6
12.5
4.8
14.9
ns
tPZH
OEBA
AO
1.4
6
7.8
1.4
9.2
ns
tPZL
OEBA
AO
6
10.7
12.5
6
14.6
ns
tPHZ
OEBA
AO
2.4
6.7
8.6
2.4
9.5
ns
tPLZ
OEBA
AO
1.2
4.7
6.3
1.2
7.1
ns
tPZH
OEBA
APARO
1.7
6.1
7.8
1.7
9.3
ns
tPZL
OEBA
APARO
1.4
5.1
6.7
1.4
7.8
ns
tPHZ
OEBA
APARO
2.7
6.8
8.6
2.7
9.5
ns
tPLZ
OEBA
APARO
1.2
4.7
6.2
1.2
7.1
ns
NOTE 3: Load circuits and waveforms are shown in Section 1.


Similar Part No. - SN74BCT979DLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT956 TI1-SN74BCT956 Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
SN74BCT956DW TI1-SN74BCT956DW Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
SN74BCT956DWR TI1-SN74BCT956DWR Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
SN74BCT956NT TI1-SN74BCT956NT Datasheet
120Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT979DLR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com