Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1720Q Datasheet(PDF) 25 Page - Sony Corporation

Part # CXA1720Q
Description  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1720Q Datasheet(HTML) 25 Page - Sony Corporation

Back Button CXA1720Q Datasheet HTML 18Page - Sony Corporation CXA1720Q Datasheet HTML 19Page - Sony Corporation CXA1720Q Datasheet HTML 20Page - Sony Corporation CXA1720Q Datasheet HTML 21Page - Sony Corporation CXA1720Q Datasheet HTML 22Page - Sony Corporation CXA1720Q Datasheet HTML 23Page - Sony Corporation CXA1720Q Datasheet HTML 24Page - Sony Corporation CXA1720Q Datasheet HTML 25Page - Sony Corporation CXA1720Q Datasheet HTML 26Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
—25—
CXA1720Q
1M/outer track peak frequency vs. RF
250
2.0
3.0
4.0
Normalized filter peak frequency vs.
Supply voltage characteristics
Vcc-Supply voltage (V)
1.05
1.00
0.95
4.0
5.0
6.0
11
RF
3.2k
Vcc
Vcc=5V
Nf0=f0/f0 (Ta=25˚C)
200
150
11
RF
Vcc
Vcc=5V
Ta=25˚C
RF (k
Ω)
F01=527/RF
+5.8 (KHz)


Similar Part No. - CXA1720Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1726 SONY-CXA1726 Datasheet
192Kb / 10P
   Multiplier IC for Displays
CXA1726AM SONY-CXA1726AM Datasheet
192Kb / 10P
   Multiplier IC for Displays
CXA1726AS SONY-CXA1726AS Datasheet
192Kb / 10P
   Multiplier IC for Displays
More results

Similar Description - CXA1720Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com