Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1720Q Datasheet(PDF) 13 Page - Sony Corporation

Part # CXA1720Q
Description  Read/Write Amplifier (with Built-in Filters) for FDDs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1720Q Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXA1720Q Datasheet HTML 9Page - Sony Corporation CXA1720Q Datasheet HTML 10Page - Sony Corporation CXA1720Q Datasheet HTML 11Page - Sony Corporation CXA1720Q Datasheet HTML 12Page - Sony Corporation CXA1720Q Datasheet HTML 13Page - Sony Corporation CXA1720Q Datasheet HTML 14Page - Sony Corporation CXA1720Q Datasheet HTML 15Page - Sony Corporation CXA1720Q Datasheet HTML 16Page - Sony Corporation CXA1720Q Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
—13—
CXA1720Q
Electrical Characteristics Measurement Circuit 1
Note) Unless otherwise specified, switches are assumed to be set to “a”.
Electrical Characteristics Measurement Circuit 2
Note) Unless otherwise specified, switches are assumed to be set to “a”.
1
2
3
4
5
6
7
8
22
21
20
19
18
17
23
24
16
15
14
13
12
9
10
11
25
26
27
28
29
30
31
32
FILTER
OUT B
COMP
IN B
COMP
IN A
A.GND
MMVA
FILTER
SET
Vcc
W/C 1
SET
W/C 1
COMP
W/C 2
SET
W/C 2
COMP
D.GND
ERASE
OUT 0
ERASE
OUT 1
CXA1720Q
C
B
A
D
G
F
E
0.1µ
a
b
SW4
1/2V 1
–1/2V 1
SW5
a
b
a
b
4.3k
12k
4.3k
12k
SW1
SW2
a
b
a
b
SW3
a
b
3.2k
27k
5V
3300p
3300p
POWER
SAVE
HIGH
DENSITY
G
4.3k
12k
4.3k
12k
3.2k
27k
5V
0.1µ
L
K
J
I
H
2.2k
SW1 a
b
2.2k
2.2k
2.2k
a
b
a
b a
b
1
2
3
4
5
6
7
8
22
21
20
19
18
17
23
24
16
15
14
13
12
9
10
11
25
26
27
28
29
30
31
32
FILTER
OUT B
COMP
IN B
COMP
IN A
A.GND
MMVA
FILTER
SET
Vcc
W/C 1
SET
W/C 1
COMP
W/C 2
SET
W/C 2
COMP
D.GND
ERASE
OUT 0
ERASE
OUT 1
CXA1720Q
L'
K'
J'
I'
P
A
B
C
D
E
F
M
N
100k
30mA
a
b
SW2
100k
30mA
a
b
M'
N'
POWER
SAVE
HIGH
DENSITY


Similar Part No. - CXA1720Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1726 SONY-CXA1726 Datasheet
192Kb / 10P
   Multiplier IC for Displays
CXA1726AM SONY-CXA1726AM Datasheet
192Kb / 10P
   Multiplier IC for Displays
CXA1726AS SONY-CXA1726AS Datasheet
192Kb / 10P
   Multiplier IC for Displays
More results

Similar Description - CXA1720Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3010Q SONY-CXA3010Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3031Q SONY-CXA3031Q Datasheet
310Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA3071N SONY-CXA3071N Datasheet
280Kb / 24P
   Read/Write Amplifier (with Built-in Filters) for FDDs
CXA1362Q SONY-CXA1362Q Datasheet
558Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
CXA1360Q SONY-CXA1360Q Datasheet
548Kb / 25P
   READ/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
BH6627FS ROHM-BH6627FS Datasheet
272Kb / 14P
   Read /Write amplifier for FDD
BH6629BFS ROHM-BH6629BFS Datasheet
268Kb / 14P
   Read /Write amplifier for FDD
BH6625FS ROHM-BH6625FS Datasheet
276Kb / 14P
   Read / Write amplifier for FDD
BH6626FS ROHM-BH6626FS Datasheet
265Kb / 13P
   Read /Write amplifier for FDD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com