Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM13-MS Datasheet(PDF) 5 Page - Formosa MS

Part # SFM13-MS
Description  1.0A Surface Mount Super Fast Rectifiers-50-600V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM13-MS Datasheet(HTML) 5 Page - Formosa MS

  SFM13-MS Datasheet HTML 1Page - Formosa MS SFM13-MS Datasheet HTML 2Page - Formosa MS SFM13-MS Datasheet HTML 3Page - Formosa MS SFM13-MS Datasheet HTML 4Page - Formosa MS SFM13-MS Datasheet HTML 5Page - Formosa MS SFM13-MS Datasheet HTML 6Page - Formosa MS SFM13-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Chip Silicon Rectifier
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
SFM11-MS THRU SFM18-MS
Packing information
P0
P1
E
B
d
F
W
P
A
D
D1
D2
W1
C
T
unit:mm
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Item
Tolerance
SOD-123S
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
4.00
4.00
2.00
0.23
8.00
11.40
2.00
3.85
1.10
DS-121449
2012/03/30
-
A
7


Similar Part No. - SFM13-MS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM13-MS FORMOSA-SFM13-MS Datasheet
58Kb / 7P
   SMD Super Fast Rectifier
More results

Similar Description - SFM13-MS

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Formosa MS
SFM11-M FORMOSA-SFM11-M Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-MH FORMOSA-SFM11-MH_10 Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-S FORMOSA-SFM11-S Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
WILLAS ELECTRONIC CORP
SFM18-FN3 WILLAS-SFM18-FN3 Datasheet
292Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIERS - 600V
SFM11-M WILLAS-SFM11-M Datasheet
896Kb / 4P
   1.0A SUFRACE MOUNT SUPER FAST RECTIFIERS - 50-600V
logo
Shenzhen Luguang Electr...
MURSL160 LUGUANG-MURSL160 Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
MURSL160A LUGUANG-MURSL160A Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
logo
Formosa MS
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM21-B FORMOSA-SFM21-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com